Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5558VN Arkusz danych(PDF) 54 Page - Asahi Kasei Microsystems

Numer części AK5558VN
Szczegółowy opis  8-Channel Differential 32-bit ADC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5558VN Arkusz danych(HTML) 54 Page - Asahi Kasei Microsystems

Back Button AK5558VN_16 Datasheet HTML 50Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 51Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
[AK5558]
015099850-E-00
2016/03
- 54 -
LDO
The voltage range of TVDD is from 1.7 V to 1.98 V or from 3.0 V to 3.6 V. Set ON/OFF of the LDO by the
LDOE pin according to TVDD voltage (Table 21).
The internal LDO is switched ON/OFF depending on TVDD voltage range.
LDOE
PDN
LDO
VDD18 pin
Additional Voltage Range
to TVDD pin
L
L
OFF
External Power Input 1.7-1.98 V
1.7-1.98 V
L
H
OFF
External Power Input 1.7-1.98 V
1.7-1.98 V
H
L
OFF
Pulled Down by 500
 internally
3.0-3.6 V
H
H
ON
LDO Voltage Output
3.0-3.6 V
Table 21. LDO Control
[1] TVDD=1.7-1.98 V, LDO is OFF
(LDOE pin = “L”)
The internal LDO does not work properly when the TVDD voltage range is from 1.7 V to 1.98 V. Set the
LDOE pin to
“L” to switch OFF the LDO. A 1.7 V - 1.98 V is supplied from the VDD18 pin for internal logic
circuits. The voltage difference between TVDD and VDD18 must be ±0.1 V or less.
[2] TVDD=3.0-3.6 V, LDO is ON
(LDOE pin = “H”)
The internal LDO should be ON when the TVDD voltage range is from 3.0 V to 3.6 V. It will be the power
supply for the internal logic circuit. The VDD18 pin will be a connection terminal for a stabilization
capacitor. It is not possible to supply the power to external circuits from the VDD18 pin.
Reset
The AK5558 must be reset upon power up or when changing the clock setting or clock frequency. It can
be reset by the PDN pin or PW2-0 pins and RSTN bit or PW8-1 bits.


Podobny numer części - AK5558VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
AK5558VN HUAXINAN-AK5558VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 8ch ADC with 4Filters
More results

Podobny opis - AK5558VN_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5558 AKM-AK5558 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com