Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK7735EQ Arkusz danych(PDF) 2 Page - Asahi Kasei Microsystems

Numer części AK7735EQ
Szczegółowy opis  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Arkusz danych(HTML) 2 Page - Asahi Kasei Microsystems

  AK7735EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 2 -
DAC: Advanced 32bit DAC
- 2ch x 2
- Sampling Frequency: fs = 8kHz ~ 192kHz
- Single-ended Output
- DAC Characteristics
S/N: 108dB (fs=48kHz)
-Channel Independent Digital Volume Control (12dB ~ -115dB, 0.5dB Step, Mute)
- 4 types of Digital Filter for Sound Color Selection
SRC:
- 2ch x 2
- FSI = 8kHz ~ 192kHz, FSO = 8kHz ~ 192kHz (FSO/FSI = 0.167 ~ 6.0)
Digital Interfaces
- Digital Input Port x 4 (Max 32ch, in TDM mode)
- Digital Output Port x 4 (Max 32ch, in TDM mode)
- Independent LRCK/BICK port x 3
- Data Format: MSB 32, 24bit / LSB 24, 20, 16bit / I
2S
- PCM Short / Long Frame Supported
- TDM Format Supported (Max:8ch / 256fs, fs=96kHz)
PLL Circuit
μP Interface: SPI(Max 6MHz) / I2C(400kHz Fast Mode, 1MHz Fast Mode Plus)
Power Supply:
Analog: AVDD: 3.0V ~ 3.6V (Typ. 3.3V)
Digital:
LVDD:
3.0V ~ 3.6V (Typ.
3.3V) (3.3V → 1.2V regulator integrated)
I/F
VDD33: 3.0V ~ 3.6V (Typ. 3.3V)
TVDD:
1.7V ~ 3.6V (Typ. 3.3V)
Operating Temperature Range:
AK7735VQ: Ta = -40 ~ 85
C
AK7735EQ: Ta = -20 ~ 85
C
Package: 48-pin LQFP (7mm x 7mm, 0.5mm pitch)


Podobny numer części - AK7735EQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Podobny opis - AK7735EQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com