Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK7735EQ Arkusz danych(PDF) 95 Page - Asahi Kasei Microsystems

Numer części AK7735EQ
Szczegółowy opis  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Arkusz danych(HTML) 95 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 91Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 92Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 93Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 94Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 95Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 96Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 97Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 98Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 99Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 95 -
1-3. Start-up Time of MIC Input Pin
The AK7735 starts to charge a DC cut capacitor when the PDN pin is set to
“H” from “L”. Since the input
impedance is 25k
Ω, the time constant will be 25ms if the DC cut capacitor is 1µF. A wait time of about
100ms should be taken before power up the ADC to charge the DC cut capacitor sufficiently. A click
noise may occur just after the ADC is powered up if this wait time is not enough.
2. Microphone Input Selector
The AK7735 has microphone input selectors. Each microphone amplifier input is selectable between
single-ended input and differential input by AD1LSEL bit or AD1RSEL bit.
AIN1L / INP1 pin
AK7735
MIC-Amp Rch
INN1 pin
ADC Lch
AD1LSEL bit
MIC-Amp Lch
ADC Rch
AIN1R / INP2 pin
INN2 pin
AD1RSEL bit
Figure 70. Microphone Input Selector
AD1LSEL bit
ADC Lch
AD1RSEL bit
ADC Rch
0
INP1/INN1
(default)
0
INP2/INN2
(default)
1
AIN1L
1
AIN1R
Table 47. Microphone Input Selector
Note
* 79. When using differential input mode, it is prohibited to input signal to only one side like pseudo
differential input.


Podobny numer części - AK7735EQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Podobny opis - AK7735EQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com