Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK7758VN Arkusz danych(PDF) 12 Page - Asahi Kasei Microsystems

Numer części AK7758VN
Szczegółowy opis  DSP with Stereo CODEC Mic/Lineout Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7758VN Arkusz danych(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK7758VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 11Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 12Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 13Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 14Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 15Page - Asahi Kasei Microsystems AK7758VN Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
[AK7758]
016003563-E-02-PB
2016/09
- 12 -
6.
Absolute Maximum Ratings
(AVSS=DVSS=0V: Note 5)
Parameter
Symbol
Min.
Max.
Unit
Power Supplies
Analog
Digital1(Core:LVDD)
Digital2(I/F1)
Digital3(I/F2)
Digital4(Core:DVDD)
DVSS-AVSS
(Note 5)
AVDD-LVDD
(Note 6)
AVDD-TVDD1
AVDD
LVDD
TVDD1
TVDD2
VD12
ΔGND
ΔAVDD
ΔTVDD1
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
4.3
4.3
4.3
4.3
1.6
0.3
0.3
4.3
V
V
V
V
V
V
V
V
Input Current (except power supply pins)
IIN
±10
mA
Analog Input Voltage
(Note 7)
VINA
-0.3
(AVDD+0.3)
≤ 4.3
V
Digital Input Voltage
(Note 8)
VIND1
-0.3
(LVDD+0.3)
≤ 4.3
V
Digital Input Voltage
(Note 9)
VIND2
-0.3
(TVDD1+0.3)
≤ 4.3
V
Digital Input Voltage
(Note 10)
VIND3
-0.3
(TVDD2+0.3)
≤ 4.3
V
Ambient Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 5. All voltages are with respect to ground. AVSS and DVSS must be connected to the same
ground.
Note 6. AVDD and LVDD must be the same voltage.
Note 7. The maximum analog input voltage is smaller value between (AVDD+0.3)V and 4.3V.
Note 8. The maximum digital input voltage of the XTI pin or the LDOE pin is smaller value between
(LVDD+0.3)V and 4.3V.
Note 9. The maximum digital input voltage of the I2CSEL, BICK, LRCK, MAT0/JX2, SDIN1/JX0 and
MAT1/JX3 pins is smaller value between (TVDD1+0.3)V and 4.3V.
Note 10. The maximum digital input voltage of the CSN/CAD/MATSEL, SI/EXTEEP, SCLK/SCL, SDA,
SDIN3, SDIN2/JX1, and PDN pins is smaller value between (TVDD2+0.3)V and 4.3V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.


Podobny numer części - AK7758VN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
More results

Podobny opis - AK7758VN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com