Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP1029ADR Arkusz danych(PDF) 15 Page - Asahi Kasei Microsystems

Numer części AP1029ADR
Szczegółowy opis  32V H-Bridge DC Motor Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1029ADR Arkusz danych(HTML) 15 Page - Asahi Kasei Microsystems

Back Button AP1029ADR Datasheet HTML 10Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 11Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 12Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 13Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 14Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 15Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 16Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 17Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
[AP1029ADR]
016015401-E-00
2017/01
- 15 -
11. Recommended External Circuits
Figure 10. Recommended External Circuit
Table 4. Recommended External Components
Item
min
typ
max
Unit
Note
CVM
-
-
1.0
47
-
-
µF
µF
Ceramic Capacitor
Electrolytic Capacitor
CVDC
-
1.0
-
µF
Ceramic Capacitor
RDT1
-
0.2
-
(Note 11)
RDT2
-
0.1
-
(Note 11)
RFLG
-
1.0
-
CDT
-
100
-
nF
Note 11. RDT1+RDT2 must be
100kΩ or more.
Note 12. Above values are examples. Please choose appropriate external components for your system board.
Note 13. Connection capacitance of CVM and CVC should be determined in consideration of the load
current profile, the load capacitance, the line resistance and etc. of the actual system board.
Note 14. Use resistive divider in case external voltage is applied to the VDUTY pin.


Podobny numer części - AP1029ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
   32V H-Bridge DC Motor Driver IC
More results

Podobny opis - AP1029ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
   32V H-Bridge DC Motor Driver IC
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com