Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP3440ABN111 Arkusz danych(PDF) 6 Page - Asahi Kasei Microsystems

Numer części AP3440ABN111
Szczegółowy opis  High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3440ABN111 Arkusz danych(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP3440ABN111 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3440ABN111 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
[AP3440]
016008997-E-00
2016/10
- 6 -
8. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage Range
Vin
4.1
-
5.5
V
Operation Ambient Temperature Range
Ta
-40
-
125
°C
MOSFET Current Capacity on PG Output
IMOSON
-
-
50
mA
External Synchronous Clock Frequency
FSYN
1800
2100
2250
kHz
External Synchronous Clock Frequency (“L” period)
TFSYNL
100
-
384
ns
Continuous Output Current (DC)
IDC
-
-
3.0
A
Output Current Peak
Maximum value of 10% duty in every 25ms.
90% Duty: 3A
10% Duty: 4.5A
IPEAK
-
-
4.5
A
Figure 5. Iout Profile
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Podobny numer części - AP3440ABN111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AP3440ABN122 AKM-AP3440ABN122 Datasheet
930Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results

Podobny opis - AP3440ABN111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN122 AKM-AP3440ABN122 Datasheet
930Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com