Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IIS328DQ Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części IIS328DQ
Szczegółowy opis  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 4Page - STMicroelectronics IIS328DQ Datasheet HTML 5Page - STMicroelectronics IIS328DQ Datasheet HTML 6Page - STMicroelectronics IIS328DQ Datasheet HTML 7Page - STMicroelectronics IIS328DQ Datasheet HTML 8Page - STMicroelectronics IIS328DQ Datasheet HTML 9Page - STMicroelectronics IIS328DQ Datasheet HTML 10Page - STMicroelectronics IIS328DQ Datasheet HTML 11Page - STMicroelectronics IIS328DQ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Block diagram and pin description
IIS328DQ
8/40
DocID027250 Rev 3
Table 2. Pin description
Pin#
Name
Function
1,2
NC
Not connected
3
INT_2
Inertial interrupt 2
4
Reserved
Connect to GND
5
VDD
Power supply
6
GND
0 V supply
7
INT_1
Inertial interrupt 1
8
GND
0 V supply
9
GND
0 V supply
10
GND
0 V supply
11
SPC
SCL
SPI serial port clock (SPC)
I²C serial clock (SCL)
Internal active pull-up
12
CS
SPI enable
I²C/SPI mode selection (0: SPI enabled; 1: I²C mode)
Internal active pull-up
13
Reserved
Connect to Vdd
14
VDD_IO
Power supply for I/O pins
15
SDO
SA0
SPI serial data output (SDO)
I²C less significant bit of the device address (SA0)
Internal active pull-up
16
SDI
SDO
SDA
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
I²C serial data (SDA)
Internal active pull-up
17-24
NC
Not internally connected


Podobny numer części - IIS328DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
   Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
   SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Podobny opis - IIS328DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com