Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IIS328DQ Arkusz danych(PDF) 27 Page - STMicroelectronics

Numer części IIS328DQ
Szczegółowy opis  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Arkusz danych(HTML) 27 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 23Page - STMicroelectronics IIS328DQ Datasheet HTML 24Page - STMicroelectronics IIS328DQ Datasheet HTML 25Page - STMicroelectronics IIS328DQ Datasheet HTML 26Page - STMicroelectronics IIS328DQ Datasheet HTML 27Page - STMicroelectronics IIS328DQ Datasheet HTML 28Page - STMicroelectronics IIS328DQ Datasheet HTML 29Page - STMicroelectronics IIS328DQ Datasheet HTML 30Page - STMicroelectronics IIS328DQ Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DocID027250 Rev 3
27/40
IIS328DQ
Register description
40
7.5
CTRL_REG4 (23h)
Table 26. CTRL_REG3 description
IHL
Interrupt active-high/low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value 0
(0: push-pull; 1: open drain)
LIR2
Latch interrupt request on the INT2_SRC register, with the INT2_SRC register
cleared by reading INT2_SRC itself. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
I2_CFG1,
I2_CFG0
Data signal on INT 2 pad control bits. Default value: 00
(see Table 27)
LIR1
Latch interrupt request on the INT1_SRC register, with the INT1_SRC register
cleared by reading the INT1_SRC register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
I1_CFG1,
I1_CFG0
Data signal on INT 1 pad control bits. Default value: 00
(see Table 27)
Table 27. Data signal on INT 1 and INT 2 pad
I1(2)_CFG1
I1(2)_CFG0
INT 1(2) Pad
0
0
Interrupt 1 (2) source
0
1
Interrupt 1 source OR interrupt 2 source
1
0
Data ready
1
1
Boot running
Table 28. CTRL_REG4 register
BDU
BLE
FS1
FS0
STsign
0
ST
SIM
Table 29. CTRL_REG4 description
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated between reading MSb and LSb)
BLE
Big/little endian data selection. Default value 0
(0: data LSb @ lower address; 1: data MSb @ lower address)
FS1, FS0
Full-scale selection. Default value: 00
(00: ±2 g; 01: ±4 g; 11: ±8 g)
STsign
Self-test sign. Default value: 00
(0: self-test plus; 1 self-test minus)
ST
Self-test enable. Default value: 0
(0: self-test disabled; 1: self-test enabled)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)


Podobny numer części - IIS328DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
   Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
   SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Podobny opis - IIS328DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com