Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE4312MLBA-Z Arkusz danych(PDF) 5 Page - Peregrine Semiconductor

Numer części PE4312MLBA-Z
Szczegółowy opis  UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PSEMI [Peregrine Semiconductor]
Strona internetowa  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4312MLBA-Z Arkusz danych(HTML) 5 Page - Peregrine Semiconductor

  PE4312MLBA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product Specification
PE4312
Page 5 of 13
Document No. DOC-81482-1 │ www.psemi.com
©2017 Peregrine Semiconductor Corp. All rights reserved.
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the PE4312. The P/S bit provides this
selection, with P/S = LOW selecting the parallel
interface and P/S = HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of six CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 5.
The parallel interface timing requirements are
defined by Figure 5 (Parallel Interface Timing
Diagram), Table 9 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched parallel programming the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Figure 5) to latch the new attenuation state into
the device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
P/S
C16
C8
C4
C2
C1
C0.5 Attenuation State
0
0
0
0
0
0
0
Reference Loss
0
0
0
0
0
0
1
0.5 dB
0
0
0
0
0
1
0
1 dB
0
0
0
0
1
0
0
2 dB
0
0
0
1
0
0
0
4 dB
0
0
1
0
0
0
0
8 dB
0
1
0
0
0
0
0
16 dB
0
1
1
1
1
1
1
31.5 dB
Table 5. Truth Table*
Note: * Not all 64 possible combinations of C0.5–C16 are shown in table.
Serial Interface
The serial interface is a 6-bit serial-in, parallel-out
shift register buffered by a transparent latch. It is
controlled by three CMOS-compatible signals: Data,
Clock, and Latch Enable (LE). The Data and Clock
inputs allow data to be serially entered into the shift
register, a process that is independent of the state of
the LE input.
The LE input controls the latch. When LE is HIGH,
the latch is transparent and the contents of the serial
shift register control the attenuator. When LE is
brought LOW, data in the shift register is latched.
The shift register should be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data. The timing for this operation is defined by
Figure 5 (Serial Interface Timing Diagram) and
Table 8 (Serial Interface AC Characteristics).
Power-up Control Settings
The PE4312 always assumes a specifiable
attenuation setting on power-up. This feature exists
for both the Serial and Parallel modes of operation,
and allows a known attenuation state to be
established before an initial serial or parallel control
word is provided.
When the attenuator powers up in Serial mode
(P/S = 1), the six control bits are set to whatever
data is present on the six parallel data inputs (C0.5
to C16). This allows any one of the 64 attenuation
settings to be specified as the power-up state.
When the attenuator powers up in Parallel mode
(P/S = 0) with LE = 0, the control bits are
automatically set to one of four possible values.
These four values are selected by the two power-up
control bits, PUP1 and PUP2, as shown in Table 6
(Power-Up Truth Table, Parallel Mode).
P/S
LE
PUP2
PUP1
Attenuation State
0
0
0
0
Reference Loss
0
0
1
0
8 dB
0
0
0
1
16 dB
0
0
1
1
31.5 dB
0
1
X
X
Defined by C0.5-C16
Table 6. Parallel PUP Truth Table*
Note: * Power up with LE = 1 provides normal parallel operation with C0.5-C16,
and PUP1 and PUP2 are not active.


Podobny numer części - PE4312MLBA-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
   MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
   PE4312
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
More results

Podobny opis - PE4312MLBA-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com