Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CQ-3203 Arkusz danych(PDF) 6 Page - Asahi Kasei Microsystems

Numer części CQ-3203
Szczegółowy opis  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3203 Arkusz danych(HTML) 6 Page - Asahi Kasei Microsystems

Back Button CQ-3203 Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-3203 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
[CQ-3203]
016008766-E-00
2016/07
- 6 -
9. Electrical Characteristics
Table 5. Electrical characteristics.
Conditions (unless otherwise specified): Ta = 35°C, VDD = 3.3V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Current Consumption
IDD
No loads
6.2
9.6
mA
Sensitivity
(Note 1, Note 2, Note 3)
Vh
See paragraph 10.1
36.6
37.0
37.4
mV/A
Zero-Current Output Voltage
(Note 1, Note 2)
Vof
See paragraph 10.1
1.636
1.650
1.664
V
Linear Sensing Range
INS
−35.7
35.7
A
Output Saturation Voltage H
VsatH
IOUT = −0.5mA
VDD
−0.3
V
Output Saturation Voltage L
VsatL
IOUT = +0.5mA
0.3
V
Linearity Error
(Note 1, Note 2)
ρ
See paragraph 10.2
−0.6
0.6
%F.S.
Rise Response Time
tr
CL = 100pF,
see paragraph 10.5
0.5
µs
Fall Response Time
tf
CL = 100pF,
see paragraph 10.5
0.5
µs
Bandwidth
fT
−3dB, C
L = 100pF
1000
kHz
Output Noise
VNrms
100Hz to 4MHz
0.6
mVrms
Temperature Drift of
Sensitivity (Note 2)
Vh-dmax
Ta = −40 to 90°C
Reference temperature Ta =
35°C
±0.7
%
Temperature Drift of
Zero-Current Output Voltage
(Note 2)
Vof-dmax
Ta = −40 to 90°C
Reference temperature Ta =
35°C
±7
mV
Ratiometricity Error of
Sensitivity (Note 2)
Vh-R
VDD = 2.97V to 3.63V
−1.0
1.0
%
Ratiometricity Error of
Zero-Current Output Voltage
(Note 2)
Vof-R
VDD = 2.97V to 3.63V,
−0.6
0.6
%F.S.
Primary Conductor
Resistance (Note 4)
R1
1.6
mΩ
Total Accuracy (Note 5)
ETO
Ta = −40 to 90°C
±1.2
%F.S.
Isolation Voltage(Note 6)
VINS
AC 50/60Hz, 60s
3.0
kV
Isolation Resistance
(Note 4)
RINS
DC 1kV
500
MΩ
Clearance Distance
(Note 4)
dCL
between primary and
secondary conductors
5.0
5.2
mm
Creepage Distance
(Note 4)
dCP
between primary and
secondary conductors
5.0
5.2
mm
Note 1. These parameters can drift by long-term use or reflow process. Please see ‘14. Reliability Tests’ for the
reference of drift values.
Note 2. The primary current (IIN) is swept within ±10A. Current is applied within 35ms in each step.
Note 3. This parameter is tested on condition that current density is uniform. Sensitivity may change slightly
depending on a primary conductor layout on PCB. Please see the application note provided in the
AKM website.
Note 4. These parameters are guaranteed by design.


Podobny numer części - CQ-3203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
CQ-3200 AKM-CQ-3200 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3204 AKM-CQ-3204 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Podobny opis - CQ-3203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com