Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M41T315Y-65MQ6F Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części M41T315Y-65MQ6F
Szczegółowy opis  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y-65MQ6F Arkusz danych(HTML) 4 Page - STMicroelectronics

  M41T315Y-65MQ6F Datasheet HTML 1Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 2Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 3Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 4Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 5Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 6Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 7Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 8Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M41T315Y*, M41T315V, M41T315W
4/24
SUMMARY DESCRIPTION
The M41T315Y/V/W RTC Supervisor is a combi-
nation of a CMOS TIMEKEEPER® and a nonvola-
tile memory supervisor. Power is constantly
monitored by the memory supervisor. In the event
of power instability or absence, an external battery
maintains the timekeeping operation and provides
power for a CMOS static RAM by switching on and
invoking write protection to prevent data corrup-
tion in the memory and RTC.
The clock keeps track of tenths/hundredths of sec-
onds, seconds, minutes, hours, day, date, month,
and year information. The last day of the month is
automatically adjusted for months with less than
31 days, including leap year correction.
The clock operates in one of two formats:
a 12-hour mode with an AM/PM indicator;
or
a 24-hour mode
The nonvolatile supervisor supplies all the neces-
sary support circuitry to convert a CMOS RAM to
a nonvolatile memory. The M41T315Y/V/W can
be interfaced with RAM without leaving gaps in
memory.
The M41T315Y/V/W is supplied in a 28-lead SOIC
SNAPHAT® package (which integrates both crys-
tal and battery in a single SNAPHAT top) or a-16
pin SOIC. The 28-pin, 330mil SOIC provides sock-
ets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT housing con-
taining the battery and crystal. The unique design
allows the SNAPHAT battery/crystal package to
be mounted on top of the SOIC package after the
completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow
prevents potential battery and crystal damage due
to the high temperatures required for device sur-
face-mounting. The SNAPHAT housing is also
keyed to prevent reverse insertion.
The 28-pin SOIC and battery/crystal packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form. For the 28-lead SOIC, the bat-
tery/crystal package (e.g., SNAPHAT) part num-
ber
is
“M4TXX-BR12SH”
(see
Table
17., page 22).
Caution: Do not place the SNAPHAT battery/crys-
tal top in conductive foam, as this will drain the lith-
ium button-cell battery.
Figure 3. Logic Diagram
Note: 1. For 16-pin SOIC only
Table 1. Signal Names
AI03902
DQ
VCCI
M41T315Y
M41T315V
M41T315W
OE
VSS
CEI
WE
CEO
RST
VCCO
VBAT
XI
XO
(1)
(1)
(1)
XI-XO
32.768 kHz Crystal Connection
D
Data Input
Q
Data Output
RST
Reset Input
CEO
Chip Enable Output
CEI
Chip Enable Input
VBAT
Battery Input
OE
Output Enable Input
WE
WRITE Enable Input
VCCO
Switched Supply Voltage Output
VCCI
Supply Voltage Input
VSS
Ground
NC
Not Connected Internally
DU
Don’t Use


Podobny numer części - M41T315Y-65MQ6F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M41T315Y-65MQ6F STMICROELECTRONICS-M41T315Y-65MQ6F Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

Podobny opis - M41T315Y-65MQ6F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com