Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS-100 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPS-100
Szczegółowy opis  SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS-100 Arkusz danych(HTML) 1 Page - Total Power International

  TPS-100 Datasheet HTML 1Page - Total Power International TPS-100 Datasheet HTML 2Page - Total Power International TPS-100 Datasheet HTML 3Page - Total Power International TPS-100 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPS100
SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
KEY FEATURES
*Universal input
*Built-in EMI filter
*Optional remote sense on main output
*Optional constant current charger
*Optional±12VDC/±24VDC/±48VDC input
*Optional cover
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications/Business machines
*Computer peripherals/Medical instruments
*Test & industrial equipments
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------38A typical, Cold start @25℃,115VAC
*Efficiency------------65%~85% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----90W convection (Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5 % per inquiry)
120W
90W
60W
30W
0W
45W
Power Derating Curve
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE, EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601(EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER INT'L.
TEL:877-646-0900 FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-1-
TOTAL POWER INT'L


Podobny numer części - TPS-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPS-10 COOPER-TPS-10 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-10 COOPER-TPS-10 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
logo
Eaton All Rights Reserv...
TPS-10 EATON-TPS-10 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
ORing Industrial Networ...
TPS-1080-M12 ORING-TPS-1080-M12 Datasheet
914Kb / 4P
   8-port unmanaged PoE Ethernet switch
TPS-1080-M12-24V ORING-TPS-1080-M12-24V Datasheet
914Kb / 4P
   8-port unmanaged PoE Ethernet switch
More results

Podobny opis - TPS-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
Astrodyne Corporation
SUU250 ASTRODYNE-SUU250 Datasheet
305Kb / 2P
   250W U-bracket Switching Power Supplies For I.T.E.
SUU81 ASTRODYNE-SUU81 Datasheet
453Kb / 2P
   80W U-bracket Switching Power Supplies For I.T.E.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com