Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M41T315Y-85MH6TR Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części M41T315Y-85MH6TR
Szczegółowy opis  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y-85MH6TR Arkusz danych(HTML) 3 Page - STMicroelectronics

  M41T315Y-85MH6TR Datasheet HTML 1Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 2Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 3Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 4Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 5Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 6Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 7Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 8Page - STMicroelectronics M41T315Y-85MH6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
M41T315Y*, M41T315V, M41T315W
Figure 14.SO16 – 16-lead Plastic Small Outline, Package Outline . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 12. SO16 – 16-lead Plastic Small Outline (150 mils body width), Package Mech. Data . . . . 18
Figure 15.SOH28 – 28-lead Plastic Small Outline, Package Outline . . . . . . . . . . . . . . . . . . . . . . . 19
Table 13. SOH28 – 28-lead Plastic Small Outline, Package Mechanical Data . . . . . . . . . . . . . . . . 19
Figure 16.SH – 4-pin SNAPHAT Housing for 48mAh Battery and Crystal, Package Outline . . . . . 20
Table 14. SH – 4-pin SNAPHAT Housing for 48mAh Battery and Crystal, Package Mech. Data . . 20
Figure 17.SH – 4-pin SNAPHAT Housing for 120mAh Battery and Crystal, Package Outline . . . . 21
Table 15. SH – 4-pin SNAPHAT Housing for 120mAh Battery and Crystal, Package Mech. Data . 21
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 16. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 17. SNAPHAT Battery Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 18. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23


Podobny numer części - M41T315Y-85MH6TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M41T315Y-85MH6TR STMICROELECTRONICS-M41T315Y-85MH6TR Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

Podobny opis - M41T315Y-85MH6TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com