Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-300TJ Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-300TJ
Szczegółowy opis  xDSL over POTS In-Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-300TJ Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-300TJ Datasheet HTML 1Page - Pulse A Technitrol Company Z-300TJ Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER Z-300TJ Filter Specifications
Z-BLOCKER Z-300TJ
xDSL over POTS In-Line Filter
Line side differential input blocking impedance
At 20kHz
>2k
At 30kHz
>3k
From 5MHz to 10MHz
>2k
1kHz insertion loss between 600
W resistive
Single filter
<0.4
With 5 filters
<0.6
1kHz/2.8kHz slope between 600
W resistive
Single filter
<0.1
With 5 filters
<1.1
DC resistance in Ohms
Tip to Tip, and Ring to Ring
<12
Tip to Ring
>10M
Longitudinal Balance per IEEE method
From 200 - 1kHz
>58dB
From 1kHz - 3kHz
>53dB
Common mode rejection, 40kHz and 30MHz
>45dB
Low pass roll off (slope) between 600
W and ADSL Transmission Unit - Remote
>26dB
Inter-Modulation Distortion First and Second order products
>60dB
Envelope Delay 300 Hz - 2800 Hz
<100µs
600
W Return Loss into phone side with 600W line termination with ATU-R
Single filter
SRL Low
>30dB
ERL
>14dB
SRL High
>17dB
+2 bridged filters
SRL Low
>36dB
ERL
>23dB
SRL High
>13dB
+4 bridged filters
SRL Low
>26dB
ERL
>15dB
SRL High
>8dB
Complex* Return Loss with ATU-R
Single filter
SRL Low
>27dB
Single filter
ERL
>14dB
Single filter
SRL High
>6dB
+ 2 bridged filters
SRL Low
>19dB
ERL
>14dB
SRL High
>3dB
+ 4 bridged filters
SRL Low
>15dB
ERL
>7dB
SRL High
>2dB
*1330
W in parallel with (100nfd in series with 348W)
DC Loop Current - Meets specifications between 20 and 100 milliamps DC
Connectors: RJ-11 Jack and RJ-11 Plug.
RJ11 pins have
³50 micro-inches of gold plating
Dimensions: Length = 53mm, Width = 19.75mm, Height = 18.9mm (Cord length: 75mm)
Compliant and listed with UL / CSA 60950, FCC CFR 47 Part 68
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2013 Pulse Electronics.
Z-300TJ.A (6/13)


Podobny numer części - Z-300TJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
More results

Podobny opis - Z-300TJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-330PJ PULSE-Z-330PJ Datasheet
307Kb / 2P
   xDSL over POTS CPE In-Line Filter
Z-330P2J-A PULSE-Z-330P2J-A Datasheet
338Kb / 2P
   xDSL over POTS CPE In-Line Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com