Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-330P2J-A Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-330P2J-A
Szczegółowy opis  xDSL over POTS CPE In-Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-330P2J-A Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-330P2J-A Datasheet HTML 1Page - Pulse A Technitrol Company Z-330P2J-A Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z-BLOCKER® Z-330P2J-A
xDSL over POTS CPE In-Line Filter
DC Resistance
Network port at 20mA
<25 Ω
Tip and Ring to Ground at ≤ 100 Vdc
>10 MΩ
Tip and Ring to Ground at ≥ 100 Vdc and ≤ 200 Vdc
>30 kΩ
Operating Current
5 to 90 mA
Operating Voltages
Network tip to ring
0 to –80 Vdc
Network tip to ring level with ringing signal of 17 to 23Hz and 40 to 106 Vrms
-20 to –80 Vdc
On-hook Voice Band Insertion Loss
Single filter
-0.5dB to 1.5dB
With 5 filters
-1.0dB to 6.5dB
On-hook Voice Band Insertion Loss Distortion
Single filter, 200 to 1000 Hz
-1.5dB to 1.5dB
With 5 filters, 200 to 1000 Hz
-5.5dB to 2.0dB
Single filter, 1 to 2.8 kHz
-1.5dB to 1.5dB
With 5 filters, 1 to 2.8 kHz
-2.0dB to 2.0dB
On- or Off-hook Envelope Delay 300 Hz - 2800 Hz
<250µs
Off-hook Voice Band Insertion Loss
Single filter
-0.5dB to 0.5dB
With 5 filters
-1.0dB to 1.0dB
Off-hook Voice Band Insertion Loss Distortion
Single filter, 200 to 3400 Hz
-1.0dB to 0.5dB
With 5 filters, 200 to 3400 Hz
-1.5dB to 2.5dB
Single filter, 3.4 to 4 kHz
-1.5dB to 1.0dB
With 5 filters, 3.4 to 4 kHz
-2.0dB to 3.25dB
Off-hook impedance distortion
Phone Port
SRL Low
>13 dB
ERL
>9 dB
SRL High
>3 dB
Network Port
SRL Low
>12 dB
ERL
>10 dB
SRL High
>5 dB
Inter-Modulation Distortion Second and Third order products
>60 dB
On-hook High Band Stopband Attenuation
From 25 kHz to 12 MHz, between 20 and 90 mA
>12 dB
Off-hook High Band Stopband Attenuation
From 25 to 50 kHz, between 20 and 90 mA
>21 dB
From 25 to 50 kHz, between 7 and 20 mA
>13 dB
From 50 k to 12 M Hz, between 20 and 90 mA
>25 dB
From 50 k to 12 M Hz, between 7 and 20 mA
>22 dB
Bridging Loss
Single filter, 25 kHz to 1.2 MHz
<0.5 dB
With 5 filters, 25 kHz to 1.2 MHz
<1.25 dB
Single filter, 25 kHz to 12 MHz
<3.0 dB
With 5 filters, 25 kHz to 12 MHz
<4.0 dB
Connectors: RJ11 jack for xDSL and Phone. RJ11 plug for Line. ≥ 50 micro-inches of gold plating
Dimensions: Length = 2.04in (51.9mm), Width = 1.21in (30.8mm), Height = 0.710in (18.0mm)
Compliant and listed with UL / CSA 60950, FCC CFR 47 Part 68
Z-BLOCKER Z-330P2J-A Filter Specifications
Pulse Singapore - 135 Joo Seng Rd.#03-02PM Industrial Bldg.Singapore 368363 Tel: +65 6287 8998
Pulse Taiwan - 3F, #198, Zhongyuan Rd., Zhongli City Taoyuan, County 32068, Taiwan Tel: +886 3435 6768
Pulse US - 12220 World Trade Drive, San Diego, CA. 92128 Tel: +1 858 674 8100
www.pulseelectronics.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Electronics.
© 2013 Pulse Electronics.
Z-330P2J-A.A (6/13)


Podobny numer części - Z-330P2J-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-330P2J2 PULSE-Z-330P2J2 Datasheet
231Kb / 2P
   Z-BLOCKER짰 Z-330P2J2 xDSL over POTS CPE In-Line Filter
More results

Podobny opis - Z-330P2J-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-330PJ PULSE-Z-330PJ Datasheet
307Kb / 2P
   xDSL over POTS CPE In-Line Filter
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-300TJ PULSE-Z-300TJ Datasheet
283Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com