Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3552 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI-3552
Szczegółowy opis  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI-3552 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI-3552 Datasheet HTML 1Page - Vishay Siliconix SI-3552 Datasheet HTML 2Page - Vishay Siliconix SI-3552 Datasheet HTML 3Page - Vishay Siliconix SI-3552 Datasheet HTML 4Page - Vishay Siliconix SI-3552 Datasheet HTML 5Page - Vishay Siliconix SI-3552 Datasheet HTML 6Page - Vishay Siliconix SI-3552 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
1.0
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
P-Ch
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
N-Ch
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
P-Ch
"100
nA
ZG
V l
D i C
I
VDS = 24 V, VGS = 0 V
N-Ch
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = –24 V, VGS = 0 V
P-Ch
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
N-Ch
5
mA
VDS = –24 V, VGS = 0 V, TJ = 55_C
P-Ch
–5
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
N-Ch
5
A
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –10 V
P-Ch
–5
A
DiS
OS
R
i
a
VGS = 10 V, ID = 2.5 A
N-Ch
0.085
0.105
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = –1.8 A
P-Ch
0.165
0.200
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 2.0 A
N-Ch
0.140
0.175
W
VGS = –4.5 V, ID = –1.2 A
P-Ch
0.298
0.360
Forward Transconductancea
gfs
VDS = 10 V, ID = 2.5 A
N-Ch
4.3
S
Forward Transconductancea
gfs
VDS = –15 V, ID = –1.8 A
P-Ch
2.4
S
Diode Forward Voltagea
VSD
IS = 1.05 A, VGS = 0 V
N-Ch
0.81
1.10
V
Diode Forward Voltagea
VSD
IS = –1.05 A, VGS = 0 V
P-Ch
–0.83
–1.10
V
Dynamicb
Total Gate Charge
Qg
NCh
l
N-Ch
2.1
3.2
C
Total Gate Charge
Qg
N-Channel
P-Ch
2.4
3.6
C
Gate-Source Charge
Qgs
N Channel
VDS = 15 V, VGS = 5 V, ID = 1.8 A
N-Ch
0.7
nC
Gate-Source Charge
Qgs
P-Channel
V15 V V
5 V I
1 8 A
P-Ch
0.9
nC
Gate-Drain Charge
Qgd
VDS = –15 V, VGS = –5 V, ID = –1.8 A
N-Ch
0.7
Gate-Drain Charge
Qgd
P-Ch
0.8
Turn-On Delay Time
td(on)
NCh
l
N-Ch
7
11
Turn-On Delay Time
td(on)
NCh
l
P-Ch
8
12
Rise Time
tr
N-Channel
VDD = 15 V, RL = 15 W
N-Ch
9
14
Rise Time
tr
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
P-Ch
12
18
Turn-Off Delay Time
td(off)
P-Channel
V15 V R
15
W
N-Ch
13
20
ns
Turn-Off Delay Time
td(off)
VDD = –15 V, RL = 15 W
ID ^ –1 A, VGEN = –10 V, RG = 6 W
P-Ch
12
18
ns
Fall Time
tf
ID
1 A, VGEN
10 V, RG
6
W
N-Ch
5
8
Fall Time
tf
P-Ch
7
11
Source-Drain
RR
Ti
trr
IF = 1.05 A, di/dt = 100 A/ms
N-Ch
35
60
Reverse Recovery Time
trr
IF = –1.05 A, di/dt = 100 A/ms
P-Ch
30
60
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Podobny numer części - SI-3552

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000C ETC-SI-3000C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Podobny opis - SI-3552

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com