Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA20-11YWA Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części TA20-11YWA
Szczegółowy opis  50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

TA20-11YWA Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  TA20-11YWA Datasheet HTML 1Page - List of Unclassifed Manufacturers TA20-11YWA Datasheet HTML 2Page - List of Unclassifed Manufacturers TA20-11YWA Datasheet HTML 3Page - List of Unclassifed Manufacturers TA20-11YWA Datasheet HTML 4Page - List of Unclassifed Manufacturers TA20-11YWA Datasheet HTML 5Page - List of Unclassifed Manufacturers TA20-11YWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: CDA0879
REV NO: V.1
DATE: NOV/18/2001
PAGE: 2 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Package Dimensions & Internal Circuit Diagram


Podobny numer części - TA20-11YWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Podobny opis - TA20-11YWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com