Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP628 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP628
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2002-09-25
5
IF – VF
Forward voltage VF (V)
100
0.1
0.4
50
30
3
1
0.3
0.6
0.8
1.0
1.2
1.4
1.6
0.5
5
10
Ta = 25°C
IFP – DR
Duty cycle ratio DR
5000
10
10
-3
1000
500
300
100
50
30
10
-2
10
-1
10
3
3
3
3
3000
Pulse width ≤ 100µs
Ta = 25°C
IF – Ta
Ambient temperature Ta (°C)
0
100
-20
80
60
40
20
0
20
40
60
80
120
100
TLP628.
TLP628-2,-4
PC– Ta
Ambient temperature Ta (°C)
200
0
-20
160
120
80
40
0
20
40
60
80
120
100
TLP628.
TLP628-2,-4
IFP – VFP
Pulse forward voltage VFP (V)
0
1000
1
500
300
30
10
3
0.4
0.8
1.2
2.0
2.4
5
50
100
1.6
Pulse width ≤ 100µs
Repetitive
Frequency = 100 Hz
Ta = 25°C
∆VF/∆Ta – IF
Forward current IF (mA)
5
-0.4
0.1
0.3
1
3
10
30 50
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
0.5


Podobny numer części - TLP628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628-2 TOSHIBA-TLP628-2 Datasheet
252Kb / 8P
   Programmable Controllers
logo
List of Unclassifed Man...
TLP628-3 ETC1-TLP628-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
logo
Toshiba Semiconductor
TLP628-4 TOSHIBA-TLP628-4 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
More results

Podobny opis - TLP628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com