Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP628 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP628
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
µA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
-emitter
breakdown voltage
V(BR) CEO
IC = 0.1 mA
350
V
Emitter
-collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 300 V
10
200
nA
Collector dark current
ICEO
VCE = 300 V, Ta = 85°C
50
µA
Capacitance collector to emitter
CCE
V = 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector
-emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V R.H. ≤ 60%
5×10
10
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628-2 TOSHIBA-TLP628-2 Datasheet
252Kb / 8P
   Programmable Controllers
logo
List of Unclassifed Man...
TLP628-3 ETC1-TLP628-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
logo
Toshiba Semiconductor
TLP628-4 TOSHIBA-TLP628-4 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
More results

Podobny opis - TLP628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com