Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74VHC594TTR Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części M74VHC594TTR
Szczegółowy opis  8 BIT SHIFT REGISTER WITH OUTPUT REGISTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74VHC594TTR Arkusz danych(HTML) 2 Page - STMicroelectronics

  M74VHC594TTR Datasheet HTML 1Page - STMicroelectronics M74VHC594TTR Datasheet HTML 2Page - STMicroelectronics M74VHC594TTR Datasheet HTML 3Page - STMicroelectronics M74VHC594TTR Datasheet HTML 4Page - STMicroelectronics M74VHC594TTR Datasheet HTML 5Page - STMicroelectronics M74VHC594TTR Datasheet HTML 6Page - STMicroelectronics M74VHC594TTR Datasheet HTML 7Page - STMicroelectronics M74VHC594TTR Datasheet HTML 8Page - STMicroelectronics M74VHC594TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74VHC594
2/14
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X: Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 15
QA to QH
Data Outputs
9
QH’
Serial Data Output
10
SCLR
Shift Register Clear Input
11
SCK
Shift Register Clock Input
13
RCLR
Storage Register Clear
Input
14
SI
Serial Data Input
12
RCK
Storage Register Clock
Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SI
SCK
SCLR
RCK
RCLR
X
X
L
X
X
SHIFT REGISTER IS CLEAR
LH
X
X
FIRST STAGE OF SHIFT REGISTER GOES LOW
OTHER STAGES STORE THE DATA OF PREVI-
OUS STAGE, RESPECTIVELY
HH
X
X
FIRST STAGE OF SHIFT REGISTER GOES HIGH
OTHER STAGES STORE THE DATA OF PREVI-
OUS STAGE, RESPECTIVELY
L
H
X
X
SHIFT REGISTER STATE IS NOT CHANGED
X
X
X
X
L
STORAGE REGISTER IS CLEARED
XX
X
H
SHIFT REGISTER DATA IS STORED IN THE
STORAGE REGISTER
X
X
X
H
STORAGE REGISTER STATE IS NOT CHANGED


Podobny numer części - M74VHC594TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
M74VHC132DTR2G ONSEMI-M74VHC132DTR2G Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
M74VHC132DTR2G ONSEMI-M74VHC132DTR2G Datasheet
97Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
September, 2014 ??Rev. 6
M74VHC1G125DFT1G ONSEMI-M74VHC1G125DFT1G Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 15
M74VHC1G125DFT1G ONSEMI-M74VHC1G125DFT1G Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 16
M74VHC1G125DFT1G ONSEMI-M74VHC1G125DFT1G Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
More results

Podobny opis - M74VHC594TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com