Zakładka z wyszukiwarką danych komponentów |
|
AD9886 Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9886 Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 32 page REV. 0 AD9886 –11– The clamp timing can be established by simply exercising the CLAMP pin at the appropriate time (with EXTCLMP = 1). The polarity of this signal is set by the Clamp Polarity bit. A simpler method of clamp timing employs the AD9886 inter- nal clamp timing generator. The Clamp Placement register is programmed with the number of pixel times that should pass after the trailing edge of HSYNC before clamping starts. A second register (Clamp Duration) sets the duration of the clamp. These are both 8-bit values, providing considerable flexibility in clamp generation. The clamp timing is referenced to the trailing edge of HSYNC because, although HSYNC duration can vary widely, the back porch (black reference) always follows HSYNC. A good starting point for establishing clamping is to set the clamp placement to 08h (providing eight pixel periods for the graphics signal to stabilize after sync) and set the clamp duration to 14h (giving the clamp 20 pixel periods to reestablish the black reference). Clamping is accomplished by placing an appropriate charge on the external input coupling capacitor. The value of this capaci- tor affects the performance of the clamp. If it is too small, there will be a significant amplitude change during a horizontal line time (between clamping intervals). If the capacitor is too large, it will take excessively long for the clamp to recover from a large change in incoming signal offset. The recommended value (47 nF) results in recovering from a step error of 100 mV to within 1/2 LSB in 10 lines with a clamp duration of 20 pixel periods on a 60 Hz SXGA signal. YUV Clamping YUV graphic signals are slightly different from RGB signals in that the dc reference level (black level in RGB signals) can be at the midpoint of the video signal rather than the bottom. For these signals it can be necessary to clamp to the midscale range of the A/D converter range (10h) rather than bottom of the A/D converter range (00h). Clamping to midscale rather than ground can be accomplished by setting the clamp select bits in the series bus register. Each of the three converters has its own selection bit so that they can be clamped to either midscale or ground independently. These bits are located in Register 0Fh and are Bits 0–2. The midscale reference voltage that each A/D converter clamps to is provided independently on the RMIDSCV, GMIDSCV, and BMIDSCV pins. Each converter must have its own midscale refer- ence because both offset adjustment and gain adjustment for each converter will affect the dc level of midscale. During clamping, each A/D converter is clamped to its respec- tive midscale reference input. These inputs are pins RCLAMPV, GCLAMPV, and BCLAMPV for the red, green, and blue converters respectively. The typical connections for both RGB and YUV clamping are shown below in Figure 2. Note: if midscale clamp- ing is not required, all of the midscale voltage outputs should still be connected to ground through a 0.1 µF capacitor. RMIDSCV RCLAMPV GMIDSCV GCLAMPV BMIDSCV BCLAMPV 0.1 F 0.1 F 0.1 F Figure 2. Typical Clamp Configuration for RBG/YUV Applications Gain and Offset Control The AD9886 can accommodate input signals with inputs rang- ing from 0.5 V to 1.0 V full scale. The full-scale range is set in three 8-bit registers (Red Gain, Green Gain, and Blue Gain). Note that increasing the gain setting results in an image with less contrast. The offset control shifts the entire input range, resulting in a change in image brightness. Three 7-bit registers (Red Offset, Green Offset, Blue Offset) provide independent settings for each channel. The offset controls provide a ±63 LSB adjustment range. This range is connected with the full-scale range, so if the input range is doubled (from 0.5 V to 1.0 V) then the offset step size is also doubled (from 2 mV per step to 4 mV per step). Figure 3 illustrates the interaction of gain and offset controls. The magnitude of an LSB in offset adjustment is proportional to the full-scale range, so changing the full-scale range also changes the offset. The change is minimal if the offset setting is near midscale. When changing the offset, the full-scale range is not affected, but the full-scale level is shifted by the same amount as the zero-scale level. GAIN 1.0V 0.0V 00h FFh 0.5V OFFSET = 00h OFFSET = 3Fh OFFSET = 7Fh OFFSET = 00h OFFSET = 7Fh OFFSET = 3Fh Figure 3. Gain and Offset Control |
Podobny numer części - AD9886 |
|
Podobny opis - AD9886 |