Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ALD2711A Arkusz danych(PDF) 5 Page - Advanced Linear Devices

Numer części ALD2711A
Szczegółowy opis  DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALD [Advanced Linear Devices]
Strona internetowa  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2711A Arkusz danych(HTML) 5 Page - Advanced Linear Devices

  ALD2711A Datasheet HTML 1Page - Advanced Linear Devices ALD2711A Datasheet HTML 2Page - Advanced Linear Devices ALD2711A Datasheet HTML 3Page - Advanced Linear Devices ALD2711A Datasheet HTML 4Page - Advanced Linear Devices ALD2711A Datasheet HTML 5Page - Advanced Linear Devices ALD2711A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD2711A/ALD2711B
Advanced Linear Devices
5
ALD2711
OUTPUT VOLTAGE SWING AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
±1
±2
±3
±4
±7
±6
±5
±6
±5
±4
±3
±2
±1
+25
°C ≤ TA ≤ +125°C
RL = 100KΩ
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE AS A FUNCTION
OF AMBIENT TEMPERATURE
REPRESENTATIVE UNITS
AMBIENT TEMPERATURE (
°C)
-50
-25
0
+25
+50
+75
+100 +125
+4
+5
+3
+1
+2
0
-2
-1
-4
-3
-5
VS = ±2.5V
OPEN LOOP VOLTAGE AS A FUNCTION
OF FREQUENCY
FREQUENCY (Hz)
1
10
100
1K
10K
1M
10M
100K
120
100
80
60
40
20
0
-20
90
0
45
180
135
VS = ±2.5V
TA = 25°C
INPUT OFFSET VOLTAGE AS A FUNCTION
OF COMMON MODE INPUT VOLTAGE
COMMON MODE INPUT VOLTAGE (V)
-2
-1
0
+1
+3
+2
15
10
5
-5
-10
0
-15
VS = ±2.5V
TA = 25°C
LARGE - SIGNAL TRANSIENT
RESPONSE
2V/div
500mV/div
5
µs/div
VS = ±1.0V
TA = 25°C
RL = 100KΩ
CL = 50pF
LARGE - SIGNAL TRANSIENT
RESPONSE
5V/div
2V/div
5
µs/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL = 50pF
SMALL - SIGNAL TRANSIENT
RESPONSE
100mV/div
20mV/div
2
µs/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL = 50pF
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
-55
°C ≤ TA ≤ +125°C
RL = 100KΩ
±8


Podobny numer części - ALD2711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711ADA ALD-ALD2711ADA Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711ADA ALD-ALD2711ADA Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711APAL ALD-ALD2711APAL Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Podobny opis - ALD2711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com