Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM24LC21BISA Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części AM24LC21BISA
Szczegółowy opis  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BISA Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AM24LC21BISA Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
8/13
SCL
SDA
IN
SDA
OUT
T
SU(ST)
T
HD(ST)
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU(STP)
T
BUF
T
AA
T
AA
T
SP
T
L
T
H
T
F
T
R
Figure 3-5. Bus timing data
3.1.6 Slave address
After generating a START condition, the bus master
transmits the slave address consisting of a 7-bit
device code (1010) for the AM24LC21B, followed
by three 000 3 bits. The eighth bit of slave address
determines if the master device wants to read or
write to the AM24LC21B (Figure 3-6). The
AM24LC21B monitors the bus for its corresponding
slave address all the time. It generates an
acknowledge bit if the slave address was true and it
is not in a programming mode.
Operation Control code Chip select
W
/
R
Read
1010
000
1
Write
1010
000
0
A
Slave address
R/W
READ/WRITE
START
1
0
1
0
0
0
0
Figure 3-6. Control byte allocation
4.1 Byte Write
Following the start signal from the master, the slave
address (4 bits), 000 (3 bits) and the R/W bit which
is a logic low is placed onto the bus by the master
transmitter. This indicates to the addressed slave
receiver that a byte with a word address will follow
after it has generated an acknowledge bit during
the ninth clock cycle. Therefore, the next byte
transmit-ted by the master is the word address and
will be written into the address pointer of the
AM24LC21. After receiving another acknowledge
signal from the AM24LC21B the master device will
transmit the data word to be written into the
addressed memory location. The AM24LC21B
acknowledges again and the master generates a
stop condition. This initiates the internal write cycle,
and during this time the AM24LC21B will not
generate acknowledge signals (Figure 4-1). It is
required that VCLK be held at a logic high level in
order to program the device. This applies to byte
write and page write operation. Note that VCLK can
go low while the device is in its self-timed program
operation and not affect programming.
4.2 Page Write
The write control byte, word address and the first
data byte are transmitted to the AM24LC21B in the
same way as in a byte write. But instead of
generating a stop condition the master transmits up
to eight data bytes to the AM24LC21B which are
temporarily stored in the on-chip page buffer and
will be written into the memory after the master has
transmitted a stop condition. After the receipt of
each word, the three lower order address pointer
bits are internally incremented by one. The higher
order five bits of the word address remains constant.
If the master should transmit more than eight words
prior to generating the stop condition, the address
counter will roll over and the previously received
data will be overwritten. As with the byte write
operation, once the stop condition is received an
internal write cycle will begin (Figure 4-2). It is
required that VCLK be held at a logic high level in
order to program the device. This applies to byte
write and page write operation. Note that VCLK can
go low while the device is in its self-timed program
operation and not affect programming.


Podobny numer części - AM24LC21BISA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Podobny opis - AM24LC21BISA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com