Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM24LC21BISA Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części AM24LC21BISA
Szczegółowy opis  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BISA Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM24LC21BISA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 12Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
10/13
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Next
Operation
Die Device
Acknowledg
(ACK = 0)?
YES
No
Figure 5-1: Acknowledge polling flow
7.0 Read operation
Read operations are initiated in the same way as
write operations with the exception that the R/W bit
of the slave address is set to ‘1’. There are three
basic types of read operations: current address
read, random read and sequential read.
7.1 Current address read
The AM24LC21B contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous access (either a read or write operation)
was to address n, the next current address read
operation would access data from address n + 1.
Upon receipt of the slave address with R/W bit set
to ‘1’, the AM24LC21B issues an acknowledge and
transmits the eight bit data word. The master will
not acknowledge the transfer but does generate a
stop condition and the AM24LC21B discontinues
transmission (Figure 7-1).
7.2 Random Read
Random read operations allow the master to
access any memory location in a random manner.
To perform this type of read operation, first the
word address must be set. This is done by sending
the word address to the AM24LC21B as part of a
write operation. After the word address is sent, the
master generates a start condition following the
acknowledge. This terminates the write operation,
but not before the internal address pointer is set.
Then the master issues the control byte again but
with the R/W bit set to a ‘1’. The AM24LC21B will
then issue an acknowledge and transmits the eight
bit data word.The master will not acknowledge the
transfer but does generate a stop condition and the
AM24LC21B discontinues transmission (Figure
7-2).
7.3 Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the AM24LC21B
transmits the first data byte, the master issues an
acknowledge as opposed to a stop condition in a
random read. This directs the AM24LC21B to
transmit the next sequentially addressed 8-bit word
(see Figure 7-3).
To provide sequential reads the AM24LC21B
contains an internal address pointer which is
incremented by one at the completion of each
operation. This address pointer allows the entire
memory contents to be serially read during one
operation.
7.4 Noise protection
The AM24LC21B employs a VCC threshold
detector
circuit
which
disables
the
internal
erase/write logic if the VCC is below 1.5 volts at
nominal conditions.
The SCL and SDA inputs have Schmitt trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
P
S
T
O
P
N
O
A
C
K
A
C
K
S
S
T
A
R
T
Control
Byte
Data(n)
Bus activity
SDA Line
Bus activity
Master


Podobny numer części - AM24LC21BISA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Podobny opis - AM24LC21BISA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com