Zakładka z wyszukiwarką danych komponentów |
|
TP3420AJ Arkusz danych(PDF) 7 Page - National Semiconductor (TI) |
|
|
TP3420AJ Arkusz danych(HTML) 7 Page - National Semiconductor (TI) |
7 / 32 page Functional Description (Continued) DIGITAL SYSTEM INTERFACE The Digital System Interface (DSI) on the TP3420A com- bines “B” and “D” channel data onto common pins to provide maximum flexibility with minimum pin count. Several multi- plexed formats of the B and D channel data are available as shown in Figure 3. Selection is made via the Control Regis- ter. NTA, NTF and TES modes: at this interface, phase skew be- tween transmit and receive frames may be accommodated when the device is a slave at the Digital Interface (NT and TES Modes) since separate frame sync inputs ( Figure 3), FS a and FSb, are provided. Each of these synchronizes a counter which gates the transfer of B1 and B2 channels in consecutive time-slots across the digital interface. The serial shift rate is determined by the BCLK input, and may be any multiple of 8 kHz from 256 kHz to 4.096 MHz. Thus, for ap- plications on a PABX line-card (in NT mode), the “B” and “D” channel slots can be interfaced to a TDM bus and assigned to a time-slot. TEM mode: in TE Master Mode (TEM), FS a is an output (Fig- ure 4) indicating the start of both transmit and receive “B” channel data transfers. BCLK is also an output at the serial data shift rate, which is dependent on the format selected, see Table 5. TES mode: for applications such as the network side of an NT-2, e.g. a PBX trunk card, the TE Slave (TES) Mode is provided. This “slave-slave” mode allows the transmission side of the device to be a slave to the received frame timing, while the Digital System Interface is also in a slave mode i.e. FS a,FSb and BCLK are inputs. The Digital System Interface includes elastic buffers which allow any arbitrary phase rela- tionship between each FS input and the received I.430 frame. JITTER ABSORPTION AND PHASE WANDER BUFFERS The TP3420A has an improved serial data buffer circuit to handle larger amounts of phase wander exceeding the specification of 18 µs pk-to-pk, regardless of the phase dif- ference between the transmit and receive frames. A SLIP in- dicator interrupt is generated to inform the CPU if the phase deviation between two clocks exceeds the boundary of the circuit, causing the data buffers to adjust the internal delay to accommodate this. Under some, but not all, circumstances this will result in data errors as the slip occurs. Separate in- terrupt status values (SLIP — TX and SLIP — RX) indicate the clock slippage in the transmit buffer or the receiver buffer. TES Mode also provides a synchronized clock output (SCLK) which is phase-locked to the received line signal; SCLK may be used as the BCLK source. TABLE 3. DSI Format Rates BLCK as BCLK as Format DSI Master DSI Slave (Output) (Note 5) (Input) 1 2.048 MHz 256 kHz–4.096 MHz 2 256 kHz 256 kHz–4.096 MHz BLCK as BCLK as Format DSI Master DSI Slave (Output) (Note 5) (Input) 3 512 kHz 512 kHz–4.096 MHz 4 2.56 MHz 256 kHz–4.096 MHz Note 5: also SCLK output in TES Mode. MICROWIRE CONTROL INTERFACE A serial interface, which can be clocked independently from the “B” and “D” channel system interface, is provided for mi- croprocessor control of various functions in the TP3420. This port can be used when the device is powered up or powered down. All data transfers consist of a single byte shifted into the Control Register via the CI pin, simultaneous with a single byte shifted out from the Status Register via the CO pin. Data shifts in to CI on rising edges of CCLK and out from CO on falling edges when CS is pulled low for 8 cycles of CCLK. An Interrupt output, INT goes low to alert the microprocessor whenever a change occurs in one or more of the conditions indicated in the Status Register. This latched output is cleared to a high impedance state by the first rising CCLK edge after CS goes low. Interrupt Source(s) occurring while another is still pending are stored in a stack and read in se- quence, by causing another interrupt at the end of the cur- rent CS cycle (INT can go low only when CS is high). When reading the Status Register the CI input is also enabled, therefore a “dummy” command e.g. NOP(X’FF) must be loaded into CI as CO is read. Each source of an Interrupt event ( e.g., EI, AI, SLIP) in the device has an internal latch, such that the occurrence of that event is stored until read from the status register. Multiple events will be reported in turn by the device in a circular manner. There is no priority criteria. If multiple occurrences of the same event occur ( e.g., EI, followed by AI and then EI) and if left unserviced, than the second occurrence (of EI in this example) will over-write the first. Also if a multiframe in- terrupt such as MFR1 interrupt is not serviced before a sec- ond occurrence of the MFR1 interrupt, then the second value in the M1–M4 bits will overwrite the first. The DI interrupt clears all pending interrupts and indicating the reset state of the device. The LSD interrupt is generated independently and is only valid while the device is in low power mode (PDN). A PUP command resets the line signal detect circuit and the LSD interrupt. A PDN command resets and re-enables the LSD circuit and interrupt. Figure 5 shows the timing for this interface, and Table 4 and Table 5 list the control functions and status indicators. FLEXIBLE MICROWIRE PORT The MICROWIRE port of the TP3420A has been enhanced such that it can connect to standard MICROWIRE master devices (such as National’s microcontrollers of the HPC and COP families) as well as the SCP interface master from the Motorola microcontroller family. SCP is the Serial Control Port on devices such as the MC68302 or the MC145488 HDLC. See the MICROWIRE port timing diagram and the applications section. www.national.com 7 |
Podobny numer części - TP3420AJ |
|
Podobny opis - TP3420AJ |