Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24CL64-S Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części FM24CL64-S
Szczegółowy opis  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64-S Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FM24CL64-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FM24CL64
Rev 2.0
July 2003
Page 7 of 13
that are loaded into the internal address latch. After
the FM24CL64 acknowledges the address, the bus
master issues a start condition. This simultaneously
aborts the write operation and allows the read
command to be issued with the device address LSB
set to a 1. The operation is now a current address
read.
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL64
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL64
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL64
Start
Address
Stop
No
Acknowledge
Data
S
A
Slave Address
0
Address MSB
A
Start
Address
Acknowledge
Address LSB
A
Figure 9. Selective (Random) Read
Applications
Clearly the strength of higher write endurance and
faster writes make FRAM superior to EEPROM in all
but
one-time
programmable
applications.
The
advantage
is
most
obvious in data
collection
environments where writes are frequent and data
must be nonvolatile, but the benefits combine in other
ways. A short list of ideas is provided here.
1.
Data collection. In applications where data is
collected and saved, FRAM provides a superior
alternative to other solutions. It is more cost effective
than battery backup for SRAM and provides better
write attributes than EEPROM.
2.
Configuration. Any nonvolatile memory can
retain a configuration. However, if the configuration
changes and power failure is a possibility, the higher
write endurance of FRAM allows changes to be
recorded without restriction. Any time the system
state is altered, the change can be written. This avoids
writing to memory on power down when the
available time is short and power scarce.
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability
during
which
the
write
can
be
corrupted. The fast write of FRAM is complete
within a microsecond. This time is typically too short
for noise or power fluctuation to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated with programming EEPROM adds undue


Podobny numer części - FM24CL64-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
More results

Podobny opis - FM24CL64-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com