Zakładka z wyszukiwarką danych komponentów |
|
LC3564BS Arkusz danych(PDF) 4 Page - Sanyo Semicon Device |
|
LC3564BS Arkusz danych(HTML) 4 Page - Sanyo Semicon Device |
4 / 9 page AC Electrical Characteristics at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V No. 5804-4/9 LC3564B, BS, BM, BT-70/10 LC3564B, BS, BM, BT Parameter Symbol -70 -10 Unit min max min max Read cycle time tRC 70 100 ns Address access time tAA 70 100 ns CE1 access time tCA1 70 100 ns CE2 access time tCA2 70 100 ns OE access time tOA 35 50 ns Output hold time tOH 10 10 ns CE1 output enable time tCOE1 10 10 ns CE2 output enable time tCOE2 10 10 ns OE output enable time tOOE 5 5 ns CE1 output disable time tCOD1 30 35 ns CE2 output disable time tCOD2 30 35 ns OE output disable time tOOD 25 25 ns Read Cycle LC3564B, BS, BM, BT Parameter Symbol -70 -10 Unit min max min max Write cycle time tWC 70 100 ns Address setup time tAS 0 0 ns Write pulse width tWP 50 55 ns CE1 setup time tCW1 60 65 ns CE2 setup time tCW2 60 65 ns Write recovery time tWR 0 0 ns CE1 write recovery time tWR1 0 0 ns CE2 write recovery time tWR2 0 0 ns Data setup time tDS 35 40 ns Data hold time tDH 0 0 ns CE1 data hold time tDH1 0 0 ns CE2 data hold time tDH2 0 0 ns WE output enable time tWOE 5 5 ns WE output disable time tWOD 30 35 ns Write Cycle Parameter Conditions [AC Test Conditions] Input pulse voltage VIH = 2.4 V, VIL = 0.6 V Input rise and fall times 5 ns Input and output timing level 1.5 V Output load LC3564B, BS, BM, and BT-70: 30 pF + 1 TTL gate (Including the jig capacitance.) LC3564B, BS, BM, and BT-10: 100 pF + 1 TTL gate (Including the jig capacitance.) |
Podobny numer części - LC3564BS |
|
Podobny opis - LC3564BS |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |