Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4960SQ Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM4960SQ
Szczegółowy opis  Piezoelectric Speaker Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4960SQ Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LM4960SQ Datasheet HTML 1Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 2Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 3Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 4Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 5Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 6Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 7Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 8Page - National Semiconductor (TI) LM4960SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
8.5V
Supply Voltage (V1)
(Pin 27 referred to GND)
18V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (LLP)
˚C/W
See AN-1187 ’Leadless Leadframe Packaging (LLP).’
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
DD)
3.0V
≤ V
DD
≤ 7V
Supply Voltage (V1)
9.6V
≤ V
1
≤ 16V
Electrical Characteristics V
DD = 3.0V (Notes 1, 2)
The following specifications apply for V
DD = 3V, AV = 10, RL = 800nF+20
Ω, V1 = 12V unless otherwise specified. Limits apply
for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4960
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = GND, No Load
85
150
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Note 9)
30
100
µA (max)
V
OS
Output Offset Voltage
5
40
mV (max)
V
SDIH
Shutdown Voltage Input High
2
V (max)
V
SDIL
Shutdown Voltage Input Low
0.4
V (min)
T
WU
Wake-up Time
C
B = 0.22µF
50
ms
TSD
Thermal Shutdown Temperature
170
150
190
˚C (min)
˚C (max)
V
O
Output Voltage
THD = 1% (max); f = 1kHz
24
20
V
P-P (min)
THD+N
Total Harmomic Distortion + Noise
V
O = 3Wrms; f = 1kHz
0.04
%
e
OS
Output Noise
A-Weighted Filter, V
IN =0V
90
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 1kHz
55
50
dB (min)
V
FB
Feedback Pin Reference Voltage
1.23
V (max)
Electrical Characteristics V
DD = 5.0V (Notes 1, 2)
The following specifications apply for V
DD = 5V, AV = 10, RL = 800nF+20
Ω unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4960
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = GND, No Load
45
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Note 9)
55
100
µA (max)
V
SDIH
Shutdown Voltage Input High
2
V (max)
V
SDIL
Shutdown Voltage Input Low
0.4
V (min)
T
WU
Wake-up Time
C
B = 0.22µF
50
s
TSD
Thermal Shutdown Temperature
170
150
190
˚C (min)
˚C (max)
V
O
Output Voltage
THD = 1% (max); f = 1kHz
R
L = Ceramic Speaker
24
20
V
P-P (min)
THD+N
Total Harmomic Distortion + Noise
V
O = 3Wrms; f = 1kHz
0.04
%
e
OS
Output Noise
A-Weighted Filter, V
IN =0V
90
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 1kHz
60
dB (min)
V
FB
Feedback Pin Reference Voltage
1.23
V (max)
Note 1: All voltages are measured with respect to the GND pin, unless otherwise specified.
www.national.com
3


Podobny numer części - LM4960SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4960SQ/NOPB TI1-LM4960SQ/NOPB Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
More results

Podobny opis - LM4960SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
   Piezoelectric Actuator Driver
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
logo
Sanyo Semicon Device
LV8071LP SANYO-LV8071LP Datasheet
71Kb / 6P
   Piezoelectric Actuator Driver IC
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com