Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4961 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM4961
Szczegółowy opis  Ceramic Speaker Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4961 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  LM4961 Datasheet HTML 1Page - National Semiconductor (TI) LM4961 Datasheet HTML 2Page - National Semiconductor (TI) LM4961 Datasheet HTML 3Page - National Semiconductor (TI) LM4961 Datasheet HTML 4Page - National Semiconductor (TI) LM4961 Datasheet HTML 5Page - National Semiconductor (TI) LM4961 Datasheet HTML 6Page - National Semiconductor (TI) LM4961 Datasheet HTML 7Page - National Semiconductor (TI) LM4961 Datasheet HTML 8Page - National Semiconductor (TI) LM4961 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4961
Ceramic Speaker Driver
General Description
The LM4961 is an audio power amplifier primarily designed
for driving Ceramic Speaker for applications in Cell Phone
and PDAs. It integrates a boost converter, with variable
output voltage, with an audio power amplifier. It is capable of
driving 15V
p-p in BTL mode to 2uF+ 30 ohms load, continu-
ous average power, with less than 1% distortion (THD+N)
from a 3.2V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal number of
external components. The LM4961 does not require boot-
strap capacitors, or snubber circuits therefore it is ideally
suited for portable applications requiring high voltage output
to drive capacitive loads like Ceramic Speakers. The
LM4961 features a low-power consumption shutdown mode.
Additionally, the LM4961 features an internal thermal shut-
down protection mechanism.
The LM4961 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4961 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
n
Quiescent Power Supply Current
7mA (typ)
n
Voltage Swing in BTL at 1% THD
15Vp-p (typ)
n
Shutdown current
0.1µA (typ)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low current shutdown mode
n
Low quiescent current
n
Mono 15Vp-p BTL output, R
L = 2µF+30
Ω, f = 1kHz
n
Thermal shutdown protection
n
Unity-gain stable
n
External gain configuration capability
n
Including Band exchange SW
n
Including Leakage cut SW
Applications
n
Cellphone
n
PDA
Connection Diagram
LM4961LQ (5x5)
20094084
Top View
Order Number LM4XXX
See NS Package Number
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2004
© 2004 National Semiconductor Corporation
DS200940
www.national.com


Podobny numer części - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Podobny opis - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com