Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100ES6254 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC100ES6254
Szczegółowy opis  2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6254 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC100ES6254 Datasheet HTML 1Page - Motorola, Inc MC100ES6254 Datasheet HTML 2Page - Motorola, Inc MC100ES6254 Datasheet HTML 3Page - Motorola, Inc MC100ES6254 Datasheet HTML 4Page - Motorola, Inc MC100ES6254 Datasheet HTML 5Page - Motorola, Inc MC100ES6254 Datasheet HTML 6Page - Motorola, Inc MC100ES6254 Datasheet HTML 7Page - Motorola, Inc MC100ES6254 Datasheet HTML 8Page - Motorola, Inc MC100ES6254 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MC100ES6254/D
Rev. 3, 05/2004
© Motorola, Inc. 2004
REV 3
2.5/3.3V Differential LVPECL
2x2 Clock Switch and
Fanout Buffer
The Motorola MC100ES6254 is a bipolar monolithic differential 2x2 clock
switch and fanout buffer. Designed for most demanding clock distribution sys-
tems, the MC100ES6254 supports various applications that require to drive pre-
cisely aligned clock signals. The device is capable of driving and switching dif-
ferential LVPECL signals. Using SiGe technology and a fully differential archi-
tecture, the device offers superior digital signal characteristics and very low
clock skew error. Target applications for this clock driver are high performance
clock/data switching, clock distribution or data loopback in computing, network-
ing and telecommunication systems.
Features:
• Fully differential architecture from input to all outputs
• SiGe technology supports near-zero output skew
• Supports DC to 3GHz operation1 of clock or data signals
• LVPECL compatible differential clock inputs and outputs
• LVCMOS compatible control inputs
• Single 3.3 V or 2.5 V supply
• 50 ps maximum device skew1
• Synchronous output enable eliminating output runt pulse generation and
metastability
• Standard 32 lead LQFP package
• Industrial temperature range
Functional Description
MC100ES6254 is designed for very skew critical differential clock distribution systems and supports clock frequencies from DC
up to 3.0 GHz. Typical applications for the MC100ES6254 are primary clock distribution, switching and loopback systems of
high-performance computer, networking and telecommunication systems, as well as on-board clocking of OC-3, OC-12 and OC-48
speed communication systems. Primary purpose of the MC100ES6254 is high-speed clock switching applications. In addition, the
MC100ES6254 can be configured as single 1:6 or dual 1:3 LVPECL fanout buffer for clock signals, or as loopback device in high-
speed data applications.
The MC100ES6254 can be operated from a 3.3 V or 2.5 V positive supply without the requirement of a negative supply line.
1
The device is functional up to 3 GHz and characterized up to 2.7 GHz.
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A
MC100ES6254
2.5/3.3 V DIFFERENTIAL
LVPECL 2x2
CLOCK SWITCH
AND FANOUT BUFFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC100ES6254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254AC IDT-MC100ES6254AC Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6254AC RENESAS-MC100ES6254AC Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254ACR2 IDT-MC100ES6254ACR2 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
More results

Podobny opis - MC100ES6254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com