Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-UE86-3G4620-X0X61 Arkusz danych(PDF) 3 Page - Amphenol Corporation

Numer części P-UE86-3G4620-X0X61
Szczegółowy opis  OPTIONS AND EMI SPRING FINGER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G4620-X0X61 Arkusz danych(HTML) 3 Page - Amphenol Corporation

  P-UE86-3G4620-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G4620-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G4620-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G4620-X0X61 Datasheet HTML 4Page - Amphenol Corporation P-UE86-3G4620-X0X61 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.00±0.10
(BEZEL OPENING FLUSH
WITH TOP SIDE OF PCB)
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
C
UPDATE NOTES
AUG 19/14
J.SI
D
CHANGED PCB THICKNESS
NOV 03/15
J.SI
E
REMOVED DIM. ZONE B2, SHEET 2 OF 5
OCT 31/16
J.SI
B
C
D
12
A
3
2
1
4
B
A
56
C
MATERIAL AND FINISH
SEE NOTES
NOV03/15
NOV03/15
FEB 07/14
A4
1:1
SHEET 3 OF 5
E
P-UE86-3G4620-X0X61
2X4 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI SPRING FINGER
ECN Exxxxx
J. SI
P. OU
J. SI
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
ENG. REL. NO.
UNLESS SPECIFIED OTHERWISE
THIRD
ANGLE
PROJECTION
REF.
DWG APP'D
Q.A. APP'D
M.E. APP'D
CHECKED
DRAWN
03554
DO NOT
SCALE
DRAWING
DWG SIZE:
CODE ID NO.
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
DWG. NO.
REV
SCALE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR 
USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
3
0.25
0.15
N/A
1
1.25
59.50 MIN.
DETAIL D
SCALE 2 : 1
58.25±0.10
C
C
D
SECTION C-C
1.70±0.90
26.00±0.10
3.50±0.30
1.45 MIN


Podobny numer części - P-UE86-3G4620-X0X61

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
More results

Podobny opis - P-UE86-3G4620-X0X61

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G6620-X0X61 AMPHENOL-P-UE86-3G6620-X0X61 Datasheet
750Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
   6.0 HEIGHT SPRING FINGER
Rev. A
logo
Tyco Electronics
1551574-5 MACOM-1551574-5 Datasheet
144Kb / 2P
   SPRING FINGER H=2,60MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
   SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
   SPRING FINGER H=2.60mm
logo
Tyco Electronics
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
   SPRING FINGER H=3.0MM
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com