Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG16MMN Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części NBSG16MMN
Szczegółowy opis  2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16MMN Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button NBSG16MMN Datasheet HTML 2Page - ON Semiconductor NBSG16MMN Datasheet HTML 3Page - ON Semiconductor NBSG16MMN Datasheet HTML 4Page - ON Semiconductor NBSG16MMN Datasheet HTML 5Page - ON Semiconductor NBSG16MMN Datasheet HTML 6Page - ON Semiconductor NBSG16MMN Datasheet HTML 7Page - ON Semiconductor NBSG16MMN Datasheet HTML 8Page - ON Semiconductor NBSG16MMN Datasheet HTML 9Page - ON Semiconductor NBSG16MMN Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NBSG16M
http://onsemi.com
6
Table 6. DC CHARACTERISTICS, POSITIVE CML OUTPUT VCC = 3.3 V; VEE = 0 V (Note 9)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ICC
Positive Power Supply Current
37
43
51
37
43
51
37
43
51
mA
VOH
Output HIGH Voltage (Note 10)
VCC
40
VCC
10
VCC
VCC
40
VCC
10
VCC
VCC
40
VCC
10
VCC
mV
VOL
Output LOW Voltage (Note 9)
VCC
400
VCC
330
VCC
400
VCC
330
VCC
400
VCC
330
mV
VIH
Input HIGH Voltage
(Single−Ended) (Note 11)
VEE +
1.275
VCC
1.0*
VCC
VEE +
1.275
VCC
1.0*
VCC
VEE +
1.275
VCC
1.0*
VCC
V
VIL
Input LOW Voltage
(Single−Ended) (Note 11)
VEE
VCC
1.4*
VIH
0.150
VEE
VCC
1.4*
VIH
0.150
VEE
VCC
1.4*
VIH
0.150
V
VBB
ECL Reference Voltage Output
1875
1970
2065
1875
1970
2065
1875
1970
2065
mV
VIHCMR
Input HIGH Voltage Common
Mode Range (Note 11)
(Differential Configuration)
1.2
3.3
1.2
3.3
1.2
3.3
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
RTOUT
Internal Output Termination
Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
60
100
60
100
60
100
mA
IIL
Input LOW Current (@ VIL)
25
50
25
50
25
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
9. Input and output parameters vary 1:1 with VCC. VEE can vary +0.925 V to −0.165 V.
10. All loading with 50
W to VCC.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
*Typicals used for testing purposes.


Podobny numer części - NBSG16MMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG16MMN ONSEMI-NBSG16MMN Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNG ONSEMI-NBSG16MMNG Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNG ONSEMI-NBSG16MMNG Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16MMNR2 ONSEMI-NBSG16MMNR2 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
More results

Podobny opis - NBSG16MMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L16 ONSEMI-NB6L16_07 Datasheet
188Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NBSG16M ONSEMI-NBSG16M_06 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com