Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-MUSB-A111-XX Arkusz danych(PDF) 2 Page - Amphenol Corporation

Numer części P-MUSB-A111-XX
Szczegółowy opis  CONTACT RESISTANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-A111-XX Arkusz danych(HTML) 2 Page - Amphenol Corporation

  P-MUSB-A111-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-A111-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.43±0.10
.214±.004
23
14
COMPONENT SIDE OF BOARD
4:1
REV - DESCRIPTION - DATE - APPROVED
MAR01/07
D - PRODUCT DWG (EAR 13196) - NOV23/07 - K.L.
SERIES 'A' RECEPTACLE, SINGLE PORT,
MUSB SERIES RUGGED USB CONNECTOR,
RIGHT ANGLE PCB TAIL, THREAD AND
MAR01/07
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
2 OF 2
E
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
DO NOT SCALE DRAWING
F
E
S.SEMENOV
MAR01/07
A.GREEN
MUSB
P-MUSB-A111-XX
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
S.SEMENOV
DUST COVER OPTIONS, RoHS COMPLIANT
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
0.25
1
E - PRODUCT DWG (EAR 13219) - JAN28/08 - K.L.
RECOMMENDED PCB LAYOUT
.079
2.00
2.33
±.004
±.004
±0.10
7.00
MAX
±0.10
±.004
.092
±.004
.036
±0.10
0.92
5.30 MAX
R
.209
4 HOLES
MIN
.217
MIN
.069
.517
MAX
1.75
5.50
MAX
2.30
±0.10
±.004
.091
2 HOLES
±0.10
±.004
.276
13.14±0.10
0.60 MIN
.024 MIN
RECOMMENDED PANEL CUTOUT
.354
- .000
+
1.25
±0.13
0.00
.650
.010
+
±.005
0.00
+0.25
14.50
.571
R
+
9.00
16.50
.000
±0.13
.945
.010
0.25
-
24.00
2.75
.108
±.005
MAX TYP.
.049 MAX
3.05
0.00
+0.15
2 HOLES
.120
- .000
+.006


Podobny numer części - P-MUSB-A111-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-MUSB-A211-XX AMPHENOL-P-MUSB-A211-XX Datasheet
105Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
P-MUSB-AA11-XX AMPHENOL-P-MUSB-AA11-XX Datasheet
129Kb / 2P
   FLAMMABILITY RATING UL94V-0 BLACK
More results

Podobny opis - P-MUSB-A111-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A211-XX AMPHENOL-P-MUSB-A211-XX Datasheet
105Kb / 2P
   CONTACT RESISTANCE
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
   Low Contact Resistance
logo
World Produts Inc.
PCMP489 WPI-PCMP489 Datasheet
214Kb / 8P
   Low contact resistance
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com