Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-U86-DX127-X0XX1 Arkusz danych(PDF) 5 Page - Amphenol Corporation

Numer części P-U86-DX127-X0XX1
Szczegółowy opis  d-sub technical data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-DX127-X0XX1 Arkusz danych(HTML) 5 Page - Amphenol Corporation

  P-U86-DX127-X0XX1 Datasheet HTML 1Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 2Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 3Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 4Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 5Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
8.00
16.00
24.00
32.00
42.10
51.63
49.60
4.50
(SEE NOTE 1)
BSC
25.68
2X6 OPTION ADDED
B
C
D
12
C
3
1
C
4
B
2
A
6
TITLE
A
X
P-U86-DX127-X0XX1
LIGHT PIPE OPTIONS ADDED
MAR06/09
B
X
X
X
X
MAR06/09
J.SI
J.SI
X
2:1
03554
CODE IDENT. NO.
5
N/A
5 OF 6
APR27/09
C
DATE
MAR06/09
REF.
PROPOSAL
DESIGNED
A
STANDARD 2XN SFP COMBO
0.15
MATERIAL AND FINISH
Amphenol Canada Corp.
TOLERANCES ARE:
DWG APP'D
IE APP'D
DRAWN
QA APPD
CHECKED
X.XX
1
DIMENSIONS ARE IN MILLIMETERS
SHEET
WITH LIGHT PIPE
REV.
A4
DWG. NO.
PROJECT
SIZE
SCALE
APPROVALS
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
DATE
ECN
APPROVED
DESCRIPTION
REV.
REVISIONS
X
X.X 0.25
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
APR29/09
NOTES:
1. DATUM AND BASIC DIMENSIONS
ESTABLISHED BY CUSTOMER.
2. 1.05 mm DIAMETER HOLES ARE
CHASSIS GROUND (49 HOLES).
Y
Z S
0.05
M
X
M
X
D
-Z-
-E-
Y
X
S
0.05
-D-
M
S
0.05
Z
X
M
E
M
D
M
0.05
0.05 S
X
G
(TYP.)
0.46±0.05
±0.05
1.05
±0.05
1.85
(TYP.)
±0.05
1.85
1.05±0.05 (TYP.)
T1
PIPE (TOP)
T19
DETAIL G
SCALE 3 : 1
INNER LIGHT
PIPE (TOP)
OUTER LIGHT
PIPE (BOTTOM)
OUTER LIGHT
PIPE (BOTTOM)
B12
B11
B20
B19
B1
B2
B9
B10
T10
T9
T11
T12
T2
INNER LIGHT
T20


Podobny numer części - P-U86-DX127-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Podobny opis - P-U86-DX127-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com