Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-U86-DX127-X0XX1 Arkusz danych(PDF) 1 Page - Amphenol Corporation

Numer części P-U86-DX127-X0XX1
Szczegółowy opis  d-sub technical data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-DX127-X0XX1 Arkusz danych(HTML) 1 Page - Amphenol Corporation

  P-U86-DX127-X0XX1 Datasheet HTML 1Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 2Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 3Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 4Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 5Page - Amphenol Corporation P-U86-DX127-X0XX1 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APR27/09
2X6 OPTION ADDED
B
1:1
TITLE
B
C
D
12
A
3
2
1
4
B
A
5
C
LIGHT PIPE OPTIONS ADDED
P-U86-DX127-X0XX1
X
X
X
MAR06/09
MAR06/09
X
X
X
J.SI
J.SI
03554
6
C
CODE IDENT. NO.
C
PROPOSAL
MAR06/09
DRAWN
A
SIZE
X
1 OF 6
REVISIONS
APPROVALS
DATE
DESIGNED
SCALE
REF.
Amphenol Canada Corp.
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
N/A
MATERIAL AND FINISH
X.XX
1
DIMENSIONS ARE IN MILLIMETERS
WITH LIGHT PIPE
REV.
SHEET
A4
DWG. NO.
PROJECT
CHECKED
STANDARD 2XN SFP COMBO
0.15
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
ECN
APPROVED
DATE
DESCRIPTION
REV.
X.X 0.25
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
APR29/09
TRAY PACKAGING.
NUMBER OF PORTS
2 = 2 INNER LIGHT PIPES PER 2X1
TEMPERATURE RANGE:
1 = 4 LIGHT PIPES PER 2X1
PLATING OPTION:
-40
LIGHT PIPE CONFIGURATION
°C TO +85°
PHOSPHOR BRONZE
6 = 2X6
CONFIGURATION FOR OPTIONS.
4 = 2X4
2 = 2X2
3 = 2 OUTER LIGHT PIPES PER 2X1
LCP,
FLAMMABILITY RATING UL94-0.
CONTACTS:
PRESS FIT CONNECTOR PLATING
SEE AMPHENOL PART NUMBER
3.81-7.62 μm TIN/LEAD ON TERMINATION
LIGHT PIPE:
CLEAR POLYCABONATE, FLAMMABILITY
RATING UL94-0.
PACKAGING:
1 = 0.76 μm MIN. GOLD ON MATING AREA
PLASTIC HOUSING:
3.81-7.62 μm TIN/LEAD ON TERMINATION
4 = 0.38 μm MIN. GOLD ON MATING AREA
CAGE PLATING
CONNECTOR - PRESS FIT:
1 = TRAY
2 = NICKEL
PACKAGING
MATERIAL: (RoHS COMPLIANT)
CAGE - PRESS FIT:
COPPER ALLOY
PLATING:
NICKEL 2.54 μm MIN.
AMPHENOL PART NUMBER CONFIGURATION
U86 - D X 1 2 7 - X 0 X X 1
U86-DX127-10XX1
(4 LIGHT PIPES PER 2X1)
LIGHT PIPE CONFIGURATIONS
U86-DX127-20XX1
(2 INNER LIGHT PIPES PER 2X1)
U86-DX127-30XX1
(2 OUTER LIGHT PIPES PER 2X1)
PRINTED ON THE PART)
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE, NOT
DATE CODE


Podobny numer części - P-U86-DX127-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Podobny opis - P-U86-DX127-X0XX1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com