Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GY4102ACDA Arkusz danych(PDF) 3 Page - Gennum Corporation

Numer części GY4102ACDA
Szczegółowy opis  Fast Toggling Video Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GY4102ACDA Arkusz danych(HTML) 3 Page - Gennum Corporation

  GY4102ACDA Datasheet HTML 1Page - Gennum Corporation GY4102ACDA Datasheet HTML 2Page - Gennum Corporation GY4102ACDA Datasheet HTML 3Page - Gennum Corporation GY4102ACDA Datasheet HTML 4Page - Gennum Corporation GY4102ACDA Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
520 - 21 - 2
3
3
2
1
0
-1
-2.0
-3
TYPICAL PERFORMANCE CURVES FOR GY4102A
An evaluation board and application note on the GY4102A is available.
Please quote EB4102 for the board and AN 520 - 2 for the application note.
There is no charge for these items.
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
Fig. 4 GY4102A Differential Gain & Phase
dg
dp
1
10
100
FREQUENCY (MHz)
0.04
0
-0.04
-0.08
-0.12
-0.16
C
L
= 0 pF
C
L
= 22 pF
C
L
= 10 pF
CH-1
Fig. 1 GY4102A Frequency Response
CH-0
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
10
30
100
300
FREQUENCY (MHz)
Fig. 3 GY4102A Crosstalk vs Frequency
1
10
100
400
FREQUENCY (MHz)
1
3
5
10
FREQUENCY (MHz)
Fig. 2 GY4102A Flattened Frequency Response
C
L
= 33 pF
R
S
= 0
R
L = 10 kΩ
R
S
= 33
C
L
= 10 pF
R
L
= 10 k


Podobny numer części - GY4102ACDA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GY4102ACDA GENNUM-GY4102ACDA Datasheet
1Mb / 11P
   Fast Toggling Video Switch
More results

Podobny opis - GY4102ACDA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GY4102A GENNUM-GY4102A_09 Datasheet
1Mb / 11P
   Fast Toggling Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
   VIDEO SWITCH
September 1998
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
logo
Analog Devices
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com