Zakładka z wyszukiwarką danych komponentów |
|
KARN-50-18 Arkusz danych(PDF) 1 Page - Mini-Circuits |
|
KARN-50-18 Arkusz danych(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Typical Performance Data Electrical Specifications Maximum Ratings Features • cellular communications • satellite communications • defense commnunications • test set-up • wideband coverage, DC to 18 GHz • 2 watt rating • rugged contruction • brass body with trimetal finish Applications Operating Temperature -55°C to 100°C Storage Temperature -55°C to 100°C FREQUENCY (MHz) RETURN LOSS (dB) CASE STYLE: LL718 CONNECTOR: N-type male PRICE: $13.95 ea. QTY (1-9) Outline Dimensions ( ) inch mm Outline Drawing FREQUENCY (GHz) IMPEDANCE (OHMS) RETURN LOSS (dB) MIN. * At 70°C, derate linearly at 0.025W/°C to 1.25W at 100°C. POWER RATING* (W) KARN-50-18 DC-18 50 35 35 30 30 26 20 18 2 DC-0.5 GHz MODEL NO. _ X σσσσσ KARN-50-18 RETURN LOSS 10 20 30 40 50 60 0 3000 6000 9000 12000 15000 18000 FREQUENCY (MHz) NEW! DC-1 GHz DC-2 GHz DC-4 GHz DC-8 GHz DC-12 GHz DC-18 GHz A B C wt. 1.18 .56 .67 grams 30.00 14.20 17.0 30.0 100 50.21 6.47 1000 44.44 3.39 2000 41.16 2.75 4000 41.02 4.00 6000 42.43 4.96 8000 32.99 3.85 10000 25.82 2.00 12000 23.41 1.59 14000 24.96 1.62 16000 30.24 4.66 18000 22.88 1.54 INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010 Mini-Circuits ® Mini-Circuits ISO 9001 & ISO 14001 Certified 50 Ω DC to 18 GHz Termination N-Type REV. OR M93900 ED-11480B KARN-50-18 RS/TD/CP 040823 KARN-50-18 |
Podobny numer części - KARN-50-18 |
|
Podobny opis - KARN-50-18 |