Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-IN32M3-CL Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części R-IN32M3-CL
Szczegółowy opis  LSI for Industrial Ethernet
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R-IN32M3-CL Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  R-IN32M3-CL Datasheet HTML 1Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 2Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 3Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 4Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 5Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 6Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 7Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 8Page - Renesas Technology Corp R-IN32M3-CL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
R-IN32M3 Series Data Sheet
1. Overview
R18DS0008EJ0401
Page 3 of 110
Feb 28, 2017
Table 1.2 Overview of R-IN32M3 (2/2)
Product
Item
R-IN32M3
Internal Peripherals (cont.)
Asynchronous serial interface
- 2 channels
- Full duplex
- FIFOs: 10 bits x 16 receive and 8 bits x 16 transmit
- Support output of receive errors and status
- Character length: 7 or 8 bits
- Parity bit options: Odd, even, 0, none
- Transmit stop bits: 1 or 2 bits
I2C serial interface
- 2 channels
- Operating modes: Normal or high-speed
- Transfer modes: Single-transfer mode or continuous-transfer mode
- Transmission data length: 8 bits
CAN controller
- 2 channels
- Conforming to ISO11898
- Support to transfer and receive normal frame and expand frame
- Transmission speed: 1 Mbps (max)
Clock synchronous serial interface
- 2 channels
- Synchronized serial data transmission by three-wire system
- Selectable master mode or slave mode
- Built-in baud-rate generator
- Transmission data length: 7 bits to 16 bits
CC-Link
- Intelligent device station
Notes3
- Remote device station
10/100/1000Mbps Ether MAC
Notes1
- 1 channel
- Built-in 2-port switch
- GMII / MII interface
10/100Mbps EtherPHY
Notes2
- 2 ports
- Support for 10BaseT and 100BaseTX/FX
CC-Link IE
Notes1
CC-Link IE field (Intelligent device station)
EtherCAT
Notes2
EtherCAT slave controller
On-chip debug function
- Select serial wire or JTAG
- Support full trace (Built-in ETM)
Internal PLL
Generates various clocks from 25-MHz input clock
Power supply voltage
I/O: VDD33 = 3.3±0.3 V
Internal circuit :VDD10 = 1.0
±0.1 V
Notes 1. Only applied to R-IN32M3-CL.
2. Only applied to R-IN32M3-EC.
3. Please contact our sales representative for details.


Podobny numer części - R-IN32M3-CL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
R-IN32M3-EC RENESAS-R-IN32M3-EC Datasheet
407Kb / 10P
   System LSI
More results

Podobny opis - R-IN32M3-CL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
   LSI for Industrial Ethernet
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
List of Unclassifed Man...
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
   Industrial Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com