Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1300 Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części TC1300
Szczegółowy opis  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Arkusz danych(HTML) 5 Page - Microchip Technology

  TC1300 Datasheet HTML 1Page - Microchip Technology TC1300 Datasheet HTML 2Page - Microchip Technology TC1300 Datasheet HTML 3Page - Microchip Technology TC1300 Datasheet HTML 4Page - Microchip Technology TC1300 Datasheet HTML 5Page - Microchip Technology TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002 Microchip Technology Inc.
DS21385C-page 5
TC1300
2.0
TYPICAL CHARACTERISTICS
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-1:
Line Regulation vs.
Temperature.
FIGURE 2-2:
Supply Current vs.
Temperature.
FIGURE 2-3:
Normalized VOUT vs.
Temperature.
FIGURE 2-4:
Reset Active Time-out
Period vs. Temperature.
FIGURE 2-5:
Output Noise vs. Frequency.
FIGURE 2-6:
Dropout Voltage vs. Load
Current (2.5V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VOUT = 3.0V
VIN = 3.5V to 6.0V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
-40 -25 -10 5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VOUT = 2.5V
VOUT = 5.0V
VOUT = 3.0V
VIN = VOUT + 1V
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
2.499
2.500
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VIN = VOUT + 1V
IOUT = 100 µA
VOUT = 2.5V
0
50
100
150
200
250
300
350
400
450
-40 -25 -10
5
20
35
50 65
80
95 110 125
Junction Temperature (°C)
0.01
0.10
1.00
10.00
0.01
0.10
1.00
10.00
100.00
1000.00
Frequency (kHz)
RLOAD = 50 Ohms
COUT = 1 µF
1
1000
100
10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
100
200
300
400
Load Current (mA)
TJ = +125°C
TJ = -40°C
TJ = +25°C
VOUT = 2.5V


Podobny numer części - TC1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results

Podobny opis - TC1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
Microchip Technology
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com