Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE62T Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPGE62T
Szczegółowy opis  TOSHIBA InGaA ?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE62T Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPGE62T Datasheet HTML 1Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 2Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 3Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 4Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 5Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 6Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 7Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 8Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)62T
2002-01-17
1
TOSHIBA InGaAℓP LED
TLRE62T,TLRME62T,TLSE62T,TLOE62T,TLYE62T,
TLPYE62T,TLGE62T,TLFGE62T,TLPGE62T
Panel Circuit Indicators
· φ3 mm package
· InGaAℓP technolgy
· All plastic mold type
· Transparent lens
· Line-up: 6 colors (red, orange, yellow, pure yellow, green and pure
green)
· High intensity light emission
· Excellent low current light output
· Applications: message boards, security devices and dashboard
displays
Line-up
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3H1
Weight: 0.14 g
Product Name
Color
Material
TLRE62T
Red
TLRME62T
Red
TLSE62T
Red
TLOE62T
Orange
TLYE62T
Yellow
TLPYE62T
Pure Yellow
TLGE62T
Green
TLFGE62T
Green
TLPGE62T
Pure Green
P
InGaA
l


Podobny numer części - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE62T TOSHIBA-TLPGE62T Datasheet
285Kb / 12P
   Panel Circuit Indicators
logo
Marktech Corporate
TLPGE62T MARKTECH-TLPGE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE62TF TOSHIBA-TLPGE62TF Datasheet
285Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com