Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE62T Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLPGE62T
Szczegółowy opis  TOSHIBA InGaA ?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE62T Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLPGE62T Datasheet HTML 1Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 2Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 3Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 4Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 5Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 6Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 7Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 8Page - Toshiba Semiconductor TLPGE62T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)62T
2002-01-17
2
Maximum Ratings (Ta
==== 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE62T
50
4
120
TLRME62T
50
4
120
TLSE62T
50
4
120
TLOE62T
50
4
120
TLYE62T
50
4
120
TLPYE62T
50
4
120
TLGE62T
50
4
120
TLFGE62T
50
4
120
TLPGE62T
50
4
120
-40~100
-40~120
Electrical and Optical Characteristics (Ta
==== 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
ld
lP
Dl
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE62T
630
(644)
20
20
47.6
120
20
1.9
2.4
20
50
4
TLRME62T
626
(636)
23
20
47.6
180
20
1.9
2.4
20
50
4
TLSE62T
613
(623)
20
20
85
200
20
1.9
2.4
20
50
4
TLOE62T
605
(612)
20
20
153
350
20
2.0
2.4
20
50
4
TLYE62T
587
(590)
17
20
85
250
20
2.0
2.4
20
50
4
TLPYE62T
580
(583)
14
20
47.6
150
20
2.0
2.4
20
50
4
TLGE62T
571
(574)
17
20
47.6
110
20
2.0
2.4
20
50
4
TLFGE62T
565
(568)
15
20
27.2
70
20
2.0
2.4
20
50
4
TLPGE62T
558
(562)
14
20
15.3
45
20
2.1
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precautions
Please be careful of the following:
· Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE62T TOSHIBA-TLPGE62T Datasheet
285Kb / 12P
   Panel Circuit Indicators
logo
Marktech Corporate
TLPGE62T MARKTECH-TLPGE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE62TF TOSHIBA-TLPGE62TF Datasheet
285Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE62T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com