Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX110 Arkusz danych(PDF) 50 Page - Renesas Technology Corp

Numer części RX110
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Arkusz danych(HTML) 50 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 46Page - Renesas Technology Corp RX110_16 Datasheet HTML 47Page - Renesas Technology Corp RX110_16 Datasheet HTML 48Page - Renesas Technology Corp RX110_16 Datasheet HTML 49Page - Renesas Technology Corp RX110_16 Datasheet HTML 50Page - Renesas Technology Corp RX110_16 Datasheet HTML 51Page - Renesas Technology Corp RX110_16 Datasheet HTML 52Page - Renesas Technology Corp RX110_16 Datasheet HTML 53Page - Renesas Technology Corp RX110_16 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 50 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Figure 5.2
Voltage Dependency in Middle-Speed Operating Mode (Reference Data)
Figure 5.3
Voltage Dependency in Low-Speed Operating Mode (Reference Data)
0
1
2
3
4
5
6
7
8
1.5
2.0
2.5
3.0
3.5
4.0
VCC (V)
Ta = 85/105°C, ICLK = 12 MHz
*2
Ta = 85/105°C, ICLK = 8 MHz
*2
Ta = 25°C, ICLK = 12 MHz
*1
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 85/105°C, ICLK = 1 MHz
*2
Ta = 25°C, ICLK = 1 MHz
*1
Note 1. All peripheral operation is normal. Average value of the tested middle samples during product evaluation.
Note 2. All peripheral operation is maximum. Average value of the tested upper-limit samples during product
evaluation.
0
5
10
15
20
25
30
1.5
2.0
2.5
3.0
3.5
4.0
VCC (V)
Ta = 25°C, ICLK = 32KHz
*1
Ta = 85°C, ICLK = 32KHz
*2
Ta = 105°C, ICLK = 32KHz
*2
Note 1. All peripheral operation is normal. Average value of the tested middle samples during product evaluation.
Note 2. All peripheral operation is maximum. Average value of the tested upper-limit samples during product
evaluation.


Podobny numer części - RX110_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Podobny opis - RX110_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com