Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX113 Arkusz danych(PDF) 44 Page - Renesas Technology Corp

Numer części RX113
Szczegółowy opis  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Arkusz danych(HTML) 44 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 40Page - Renesas Technology Corp RX113_16 Datasheet HTML 41Page - Renesas Technology Corp RX113_16 Datasheet HTML 42Page - Renesas Technology Corp RX113_16 Datasheet HTML 43Page - Renesas Technology Corp RX113_16 Datasheet HTML 44Page - Renesas Technology Corp RX113_16 Datasheet HTML 45Page - Renesas Technology Corp RX113_16 Datasheet HTML 46Page - Renesas Technology Corp RX113_16 Datasheet HTML 47Page - Renesas Technology Corp RX113_16 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 44 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 B10Bh
ELC
Event Link Setting Register 10
ELSR10
8
8
2 or 3 PCLKB
0008 B10Dh
ELC
Event Link Setting Register 12
ELSR12
8
8
2 or 3 PCLKB
0008 B10Fh
ELC
Event Link Setting Register 14
ELSR14
8
8
2 or 3 PCLKB
0008 B110h
ELC
Event Link Setting Register 15
ELSR15
8
8
2 or 3 PCLKB
0008 B112h
ELC
Event Link Setting Register 17
ELSR17
8
8
2 or 3 PCLKB
0008 B113h
ELC
Event Link Setting Register 18
ELSR18
8
8
2 or 3 PCLKB
0008 B114h
ELC
Event Link Setting Register 19
ELSR19
8
8
2 or 3 PCLKB
0008 B115h
ELC
Event Link Setting Register 20
ELSR20
8
8
2 or 3 PCLKB
0008 B117h
ELC
Event Link Setting Register 22
ELSR22
8
8
2 or 3 PCLKB
0008 B119h
ELC
Event Link Setting Register 24
ELSR24
8
8
2 or 3 PCLKB
0008 B11Ah
ELC
Event Link Setting Register 25
ELSR25
8
8
2 or 3 PCLKB
0008 B11Fh
ELC
Event Link Option Setting Register A
ELOPA
8
8
2 or 3 PCLKB
0008 B120h
ELC
Event Link Option Setting Register B
ELOPB
8
8
2 or 3 PCLKB
0008 B121h
ELC
Event Link Option Setting Register C
ELOPC
8
8
2 or 3 PCLKB
0008 B122h
ELC
Event Link Option Setting Register D
ELOPD
8
8
2 or 3 PCLKB
0008 B123h
ELC
Port Group Setting Register 1
PGR1
8
8
2 or 3 PCLKB
0008 B125h
ELC
Port Group Control Register 1
PGC1
8
8
2 or 3 PCLKB
0008 B127h
ELC
Port Buffer Register 1
PDBF1
8
8
2 or 3 PCLKB
0008 B129h
ELC
Event Link Port Setting Register 0
PEL0
8
8
2 or 3 PCLKB
0008 B12Ah
ELC
Event Link Port Setting Register 1
PEL1
8
8
2 or 3 PCLKB
0008 B12Dh
ELC
Event Link Software Event Generation Register
ELSEGR
8
8
2 or 3 PCLKB
0008 B300h
SCI12
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 B301h
SCI12
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 B302h
SCI12
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 B303h
SCI12
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 B304h
SCI12
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 B305h
SCI12
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 B306h
SCI12
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 B307h
SCI12
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 B308h
SCI12
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 B309h
SCI12
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 B30Ah
SCI12
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 B30Bh
SCI12
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 B30Ch
SCI12
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 B30Dh
SCI12
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 B320h
SCI12
Extended Serial Mode Enable Register
ESMER
8
8
2 or 3 PCLKB
0008 B321h
SCI12
Control Register 0
CR0
8
8
2 or 3 PCLKB
0008 B322h
SCI12
Control Register 1
CR1
8
8
2 or 3 PCLKB
0008 B323h
SCI12
Control Register 2
CR2
8
8
2 or 3 PCLKB
0008 B324h
SCI12
Control Register 3
CR3
8
8
2 or 3 PCLKB
0008 B325h
SCI12
Port Control Register
PCR
8
8
2 or 3 PCLKB
0008 B326h
SCI12
Interrupt Control Register
ICR
8
8
2 or 3 PCLKB
0008 B327h
SCI12
Status Register
STR
8
8
2 or 3 PCLKB
0008 B328h
SCI12
Status Clear Register
STCR
8
8
2 or 3 PCLKB
0008 B329h
SCI12
Control Field 0 Data Register
CF0DR
8
8
2 or 3 PCLKB
0008 B32Ah
SCI12
Control Field 0 Compare Enable Register
CF0CR
8
8
2 or 3 PCLKB
0008 B32Bh
SCI12
Control Field 0 Receive Data Register
CF0RR
8
8
2 or 3 PCLKB
0008 B32Ch
SCI12
Primary Control Field 1 Data Register
PCF1DR
8
8
2 or 3 PCLKB
0008 B32Dh
SCI12
Secondary Control Field 1 Data Register
SCF1DR
8
8
2 or 3 PCLKB
0008 B32Eh
SCI12
Control Field 1 Compare Enable Register
CF1CR
8
8
2 or 3 PCLKB
0008 B32Fh
SCI12
Control Field 1 Receive Data Register
CF1RR
8
8
2 or 3 PCLKB
0008 B330h
SCI12
Timer Control Register
TCR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (15/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Podobny numer części - RX113_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Podobny opis - RX113_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com