Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX113 Arkusz danych(PDF) 85 Page - Renesas Technology Corp

Numer części RX113
Szczegółowy opis  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Arkusz danych(HTML) 85 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 81Page - Renesas Technology Corp RX113_16 Datasheet HTML 82Page - Renesas Technology Corp RX113_16 Datasheet HTML 83Page - Renesas Technology Corp RX113_16 Datasheet HTML 84Page - Renesas Technology Corp RX113_16 Datasheet HTML 85Page - Renesas Technology Corp RX113_16 Datasheet HTML 86Page - Renesas Technology Corp RX113_16 Datasheet HTML 87Page - Renesas Technology Corp RX113_16 Datasheet HTML 88Page - Renesas Technology Corp RX113_16 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 85 of 131
Mar 31, 2016
RX113 Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Note 2. N: An integer from 1 to 8 that can be set by the RSPI clock delay register (SPCKD)
Note 3. N: An integer from 1 to 8 that can be set by the RSPI slave select negation delay register (SSLND)
Table 5.31
Timing of On-Chip Peripheral Modules (2)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C, C = 30 pF
Item
Symbol
Min.
Max.
Unit
Test
Conditions
RSPI
RSPCK clock cycle
Master
tSPcyc
2
4096
tPcyc*1 Figure 5.42
Slave
8
4096
RSPCK clock
high pulse width
Master
tSPCKWH (tSPcyc – tSPCKr
tSPCKf)/2 – 3
—ns
Slave
(tSPcyc – tSPCKr
tSPCKf)/2
RSPCK clock
low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr
tSPCKf)/2 – 3
—ns
Slave
(tSPcyc – tSPCKr
tSPCKf)/2
RSPCK clock
rise/fall time
Output
2.7 V or above
tSPCKr,
tSPCKf
—10
ns
1.8 V or above
—15
Input
—1
μs
Data input setup time
Master
2.7 V or above
tSU
10
ns
Figure 5.43
to
Figure 5.48
1.8 V or above
30
Slave
25 – tPcyc
Data input hold time
Master
RSPCK set to a division
ratio other than PCLKB
divided by 2
tH
tPcyc
—ns
RSPCK set to PCLKB
divided by 2
tHF
0—
Slave
tH
20 + 2 × tPcyc
SSL setup time
Master
tLEAD
–30 + N*2 ×
tSPcyc
—ns
Slave
2—
tPcyc
SSL hold time
Master
tLAG
–30 + N*3 ×
tSPcyc
—ns
Slave
2—
tPcyc
Data output delay time
Master
2.7 V or above
tOD
—14
ns
1.8 V or above
—30
Slave
2.7 V or above
—3 × tPcyc + 65
1.8 V or above
—3 × tPcyc +105
Data output hold time
Master
2.7 V or above
tOH
0—
ns
1.8 V or above
–20
Slave
0—
Successive
transmission delay
time
Master
tTD
tSPcyc + 2 × tPcyc
8 × tSPcyc + 2 ×
tPcyc
ns
Slave
4 × tPcyc
MOSI and MISO rise/
fall time
Output
2.7 V or above
tDr, tDf
—10
ns
1.8 V or above
—20
Input
—1
μs
SSL rise/fall time
Output
tSSLr,
tSSLf
—20
ns
Input
—1
μs
Slave access time
2.7 V or above
tSA
—6
tPcyc
Figure 5.47,
Figure 5.48
1.8 V or above
—7
Slave output release time
2.7 V or above
tREL
—5
tPcyc
1.8 V or above
—6


Podobny numer części - RX113_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Podobny opis - RX113_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com