Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX230 Arkusz danych(PDF) 70 Page - Renesas Technology Corp

Numer części RX230
Szczegółowy opis  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 Arkusz danych(HTML) 70 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 66Page - Renesas Technology Corp RX230 Datasheet HTML 67Page - Renesas Technology Corp RX230 Datasheet HTML 68Page - Renesas Technology Corp RX230 Datasheet HTML 69Page - Renesas Technology Corp RX230 Datasheet HTML 70Page - Renesas Technology Corp RX230 Datasheet HTML 71Page - Renesas Technology Corp RX230 Datasheet HTML 72Page - Renesas Technology Corp RX230 Datasheet HTML 73Page - Renesas Technology Corp RX230 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 70 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 C414h
RTC
Hour Alarm Register
RHRAR
8
8
2 or 3 PCLKB
2 ICLK
0008 C414h
RTC
Binary Counter 2 Alarm Register
BCNT2AR
8
8
2 or 3 PCLKB
2 ICLK
0008 C416h
RTC
Day-of-Week Alarm Register
RWKAR
8
8
2 or 3 PCLKB
2 ICLK
0008 C416h
RTC
Binary Counter 3 Alarm Register
BCNT3AR
8
8
2 or 3 PCLKB
2 ICLK
0008 C418h
RTC
Date Alarm Register
RDAYAR
8
8
2 or 3 PCLKB
2 ICLK
0008 C418h
RTC
Binary Counter 0 Alarm Enable Register
BCNT0AER
8
8
2 or 3 PCLKB
2 ICLK
0008 C41Ah
RTC
Month Alarm Register
RMONAR
8
8
2 or 3 PCLKB
2 ICLK
0008 C41Ah
RTC
Binary Counter 1 Alarm Enable Register
BCNT1AER
8
8
2 or 3 PCLKB
2 ICLK
0008 C41Ch
RTC
Year Alarm Register
RYRAR
16
16
2 or 3 PCLKB
2 ICLK
0008 C41Ch
RTC
Binary Counter 2 Alarm Enable Register
BCNT2AER
16
16
2 or 3 PCLKB
2 ICLK
0008 C41Eh
RTC
Year Alarm Enable Register
RYRAREN
8
8
2 or 3 PCLKB
2 ICLK
0008 C41Eh
RTC
Binary Counter 3 Alarm Enable Register
BCNT3AER
8
8
2 or 3 PCLKB
2 ICLK
0008 C422h
RTC
RTC Control Register 1
RCR1
8
8
2 or 3 PCLKB
2 ICLK
0008 C424h
RTC
RTC Control Register 2
RCR2
8
8
2 or 3 PCLKB
2 ICLK
0008 C426h
RTC
RTC Control Register 3
RCR3
8
8
2 or 3 PCLKB
2 ICLK
0008 C42Eh
RTC
Time Error Adjustment Register
RADJ
8
8
2 or 3 PCLKB
2 ICLK
0008 C440h
RTC
Time Capture Control Register 0
RTCCR0
8
8
2 or 3 PCLKB
2 ICLK
0008 C442h
RTC
Time Capture Control Register 1
RTCCR1
8
8
2 or 3 PCLKB
2 ICLK
0008 C444h
RTC
Time Capture Control Register 2
RTCCR2
8
8
2 or 3 PCLKB
2 ICLK
0008 C452h
RTC
Second Capture Register 0
RSECCP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C452h
RTC
BCNT0 Capture Register 0
BCNT0CP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C454h
RTC
Minute Capture Register 0
RMINCP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C454h
RTC
BCNT1 Capture Register 0
BCNT1CP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C456h
RTC
Hour Capture Register 0
RHRCP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C456h
RTC
BCNT2 Capture Register 0
BCNT2CP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C45Ah
RTC
Date Capture Register 0
RDAYCP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C45Ah
RTC
BCNT3 Capture Register 0
BCNT3CP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C45Ch
RTC
Month Capture Register 0
RMONCP0
8
8
2 or 3 PCLKB
2 ICLK
0008 C462h
RTC
Second Capture Register 1
RSECCP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C462h
RTC
BCNT0 Capture Register 1
BCNT0CP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C464h
RTC
Minute Capture Register 1
RMINCP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C464h
RTC
BCNT1 Capture Register 1
BCNT1CP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C466h
RTC
Hour Capture Register 1
RHRCP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C466h
RTC
BCNT2 Capture Register 1
BCNT2CP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C46Ah
RTC
Date Capture Register 1
RDAYCP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C46Ah
RTC
BCNT3 Capture Register 1
BCNT3CP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C46Ch
RTC
Month Capture Register 1
RMONCP1
8
8
2 or 3 PCLKB
2 ICLK
0008 C472h
RTC
Second Capture Register 2
RSECCP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C472h
RTC
BCNT0 Capture Register 2
BCNT0CP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C474h
RTC
Minute Capture Register 2
RMINCP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C474h
RTC
BCNT1 Capture Register 2
BCNT1CP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C476h
RTC
Hour Capture Register 2
RHRCP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C476h
RTC
BCNT2 Capture Register 2
BCNT2CP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C47Ah
RTC
Date Capture Register 2
RDAYCP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C47Ah
RTC
BCNT3 Capture Register 2
BCNT3CP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C47Ch
RTC
Month Capture Register 2
RMONCP2
8
8
2 or 3 PCLKB
2 ICLK
0008 C580h
CMPB
Comparator B Control Register 1
CPBCNT1
8
8
2 or 3 PCLKB
2 ICLK
0008 C581h
CMPB
Comparator B Control Register 2
CPBCNT2
8
8
2 or 3 PCLKB
2 ICLK
0008 C582h
CMPB
Comparator B Flag Register
CPBFLG
8
8
2 or 3 PCLKB
2 ICLK
0008 C583h
CMPB
Comparator B Interrupt Control Register
CPBINT
8
8
2 or 3 PCLKB
2 ICLK
0008 C584h
CMPB
Comparator B Filter Select Register
CPBF
8
8
2 or 3 PCLKB
2 ICLK
0008 C585h
CMPB
Comparator B Mode Select Register
CPBMD
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (28 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK


Podobny numer części - RX230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Podobny opis - RX230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com