Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX230 Arkusz danych(PDF) 97 Page - Renesas Technology Corp

Numer części RX230
Szczegółowy opis  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 Arkusz danych(HTML) 97 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 93Page - Renesas Technology Corp RX230 Datasheet HTML 94Page - Renesas Technology Corp RX230 Datasheet HTML 95Page - Renesas Technology Corp RX230 Datasheet HTML 96Page - Renesas Technology Corp RX230 Datasheet HTML 97Page - Renesas Technology Corp RX230 Datasheet HTML 98Page - Renesas Technology Corp RX230 Datasheet HTML 99Page - Renesas Technology Corp RX230 Datasheet HTML 100Page - Renesas Technology Corp RX230 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 97 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. The value of the D/A converter is the value of the power supply current including the reference current.
Note 2. Current consumed only by the USB module.
Note 3. Includes the current supplied from the pull-up resistor of the USB0_DP pin to the pull-down resistor of the host device, in
addition to the current consumed by this MCU during the suspended state.
Note 4. Current consumed by the power supplies (VCC and VCC_USB).
Note 5. Current consumed only by the comparator B module.
Note 6. Current consumed by the power supply (VCC).
Note 7. When VCC = AVCC0 = VCC_USB = 3.3 V.
Table 5.11
DC Characteristics (9)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.*7
Max.
Unit
Test Conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
—0.7
1.7
mA
During A/D conversion (in low-current mode)
0.6
1.0
During D/A conversion (per channel)*1
—0.4
0.8
Waiting for A/D and D/A conversion (all units)
0.4
μA
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
25
150
μA
Waiting for A/D conversion (all units)
60
nA
During D/A conversion (per channel)
IREFH
50
100
μA
Waiting for D/A conversion (all units)
100
nA
LVD1, 2
per channel
ILVD
—0.15
μA
Temperature
sensor*6
—ITEMP
—75—
μA
Comparator B
operating
current*6
Window mode
ICMP*5
12.5
28.6
μA
Comparator high-speed mode (per channel)
3.2
16.2
μA
Comparator low-speed mode (per channel)
1.7
4.4
μA
CTSU
operating
current
When sleep mode
Base clock frequency: 2MHz
Pin capacitance: 50pF
ICTSU
150
μA
USB operating
current*4
During USB communication operation under the
following settings and conditions
Host controller operation is set to full-speed
mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
Connect peripheral devices via a 1-meter USB
cable from the USB port.
IUSBH*2
—4.3
(VCC)
0.9
(VCC_USB)
—mA
During USB communication operation under the
following settings and conditions
Function controller operation is set to full-speed
mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
Connect the host device via a 1-meter USB
cable from the USB port.
IUSBF*2
—3.6
(VCC)
1.1
(VCC_USB)
—mA
During suspended state under the following setting
and conditions
Function controller operation is set to full-speed
mode (pull up the USB0_DP pin)
Software standby mode
Connect the host device via a 1-meter USB
cable from the USB port.
ISUSP*3
—0.35
(VCC)
170
(VCC_USB)
μA
Table 5.12
DC Characteristics (10)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RAM standby voltage
VRAM
1.8
V


Podobny numer części - RX230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

Podobny opis - RX230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com