Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RX634 Arkusz danych(PDF) 79 Page - Renesas Technology Corp

Numer części RX634
Szczegółowy opis  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 Arkusz danych(HTML) 79 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 75Page - Renesas Technology Corp RX634 Datasheet HTML 76Page - Renesas Technology Corp RX634 Datasheet HTML 77Page - Renesas Technology Corp RX634 Datasheet HTML 78Page - Renesas Technology Corp RX634 Datasheet HTML 79Page - Renesas Technology Corp RX634 Datasheet HTML 80Page - Renesas Technology Corp RX634 Datasheet HTML 81Page - Renesas Technology Corp RX634 Datasheet HTML 82Page - Renesas Technology Corp RX634 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 79 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
Figure 5.18
Example of Operation in Read Access over the External Bus (Multiplexed)
Figure 5.19
Example of Operation in Write Access over the External Bus (Multiplexed)
Address/
data bus
Data read
(RD#)
tAD
BCLK
Address
Address latch
(ALE)
Chip select
(CS3# to CS0#)
TW1
TWn
tAD
tAD
tSU(DB-RD)
40 ns (min)
Tend
Address cycle
Data cycle
tALED
tCSD
tCSD
Tn1
Th
1 cycle fixed
Address cycle wait (AWAIT)
tS(DB-RD) 0 ns (min)
tRSD
tRSS
tRSD
tRSS
Read-access CS extension cycle
(CSROFF)
tALED
RD assert wait (RDON)
Normal read cycle wait (CSRWAIT)
CS assert wait (CSON)
A
D
tRDH
tRDS
td(AD-ALE)
th(ALE-AD)
Address/
data bus
Data write
(WR#)
tAD
BCLK
Address
Address latch
(ALE)
Chip select
(CS3# to CS0#)
TW1
tAD
tAD
Tend
Address cycle
Data cycle
tCSD
tCSD
Tn1
Th
1 cycle fixed
td(BCLK-ALE)=tALED
Address cycle wait (AWAIT)
tRSD
tRSS
tRSD
tRSS
WR assert wait (WRON)
Normal write cycle wait (CSRWAIT)
A
D
Write data output wait (WDON)
td(BCLK-ALE)=tALED
A
Read-access CS extension cycle
(CSROFF)


Podobny numer części - RX634

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

Podobny opis - RX634

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com