Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3A7 Arkusz danych(PDF) 52 Page - Renesas Technology Corp

Numer części S3A7
Szczegółowy opis  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Arkusz danych(HTML) 52 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 48Page - Renesas Technology Corp S3A7 Datasheet HTML 49Page - Renesas Technology Corp S3A7 Datasheet HTML 50Page - Renesas Technology Corp S3A7 Datasheet HTML 51Page - Renesas Technology Corp S3A7 Datasheet HTML 52Page - Renesas Technology Corp S3A7 Datasheet HTML 53Page - Renesas Technology Corp S3A7 Datasheet HTML 54Page - Renesas Technology Corp S3A7 Datasheet HTML 55Page - Renesas Technology Corp S3A7 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 52 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
2.2.10
VCC Rise and Fall Gradient and Ripple Frequency
Note 1.
When OFS1.LVDAS = 0.
Note 2.
Turn the power supply voltage on according to the normal startup rising gradient because the register settings set by OFS1 are
not read in boot mode.
Figure 2.25
Ripple waveform
Table 2.15
Rise and fall gradient characteristics
Conditions: VCC = AVCC0 = 0 to 5.5 V
Item
Symbol Min
Typ
Max
Unit
Test conditions
Power-on VCC
rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.02
-
2
ms/V
-
Voltage monitor 0 reset enabled at startup*1, *2
0.02
-
-
Table 2.16
Rising and falling gradient and ripple frequency characteristics
Conditions: VCC = AVCC0 = VCC_USB = 1.6 to 5.5 V
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (5.5 V) and lower limit
(1.6 V).
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
--10
kHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.2
--1
MHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.08
--10
MHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising and
falling gradient
dt/dVCC
1.0
-
-
ms/V
When VCC change exceeds VCC ±10%
Vr(VCC)
VCC
1/fr(VCC)


Podobny numer części - S3A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Podobny opis - S3A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com