Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S3A7 Arkusz danych(PDF) 62 Page - Renesas Technology Corp

Numer części S3A7
Szczegółowy opis  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Arkusz danych(HTML) 62 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 58Page - Renesas Technology Corp S3A7 Datasheet HTML 59Page - Renesas Technology Corp S3A7 Datasheet HTML 60Page - Renesas Technology Corp S3A7 Datasheet HTML 61Page - Renesas Technology Corp S3A7 Datasheet HTML 62Page - Renesas Technology Corp S3A7 Datasheet HTML 63Page - Renesas Technology Corp S3A7 Datasheet HTML 64Page - Renesas Technology Corp S3A7 Datasheet HTML 65Page - Renesas Technology Corp S3A7 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 62 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is 1. The recovery time is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is and 1. The recovery time is determined by the system clock source. When
multiple oscillators are active, the recovery time can be determined by the following expression.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 1.
The sub-clock oscillator or LOCO itself continues to oscillate in Software Standby mode during Subosc-speed mode.
Table 2.26
Timing of recovery from low power modes (3)
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Low-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(1 MHz)*2
tSBYMC
-2
3
ms
Figure 2.35
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(1 MHz)*3
tSBYEX
-28
50
μs
System clock source is MOCO (1 MHz)
tSBYMO
-25
35
μs
Table 2.27
Timing of recovery from low power modes (4)
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Low-voltage
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(4 MHz)*2
tSBYMC
-2
3
ms
Figure 2.35
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(4 MHz)*3
tSBYEX
-
108
130
μs
System clock source is HOCO (4 MHz)
tSBYHO
-
108
130
μs
Table 2.28
Timing of recovery from low power modes (5)
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Subosc-speed mode
System clock source is sub-clock
oscillator (32.768 kHz)
tSBYSC
-0.85
1
ms
Figure 2.35
System clock source is LOCO
(32.768 kHz)
tSBYLO
-
0.85
1.2
ms


Podobny numer części - S3A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Podobny opis - S3A7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com