Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S5D9 Arkusz danych(PDF) 36 Page - Renesas Technology Corp

Numer części S5D9
Szczegółowy opis  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Arkusz danych(HTML) 36 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 32Page - Renesas Technology Corp S5D9 Datasheet HTML 33Page - Renesas Technology Corp S5D9 Datasheet HTML 34Page - Renesas Technology Corp S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp S5D9 Datasheet HTML 38Page - Renesas Technology Corp S5D9 Datasheet HTML 39Page - Renesas Technology Corp S5D9 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 36 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note 1.
Supply current values are with all output pins unloaded and all input pull-up MOS transistors in the off state.
Note 2.
Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3.
ICC depends on f (ICLK) as follows. (ICLK:PCLKA:PCLKB:PCLKC:PCLKD:BCK:EBCLK = 2:2:1:1:2:1:1)
ICC Max. = 0.84 × f + 37 (max. operation in High-speed mode)
ICC Typ. = 0.09 × f + 3.7 (normal operation in High-speed mode)
ICC Typ. = 0.6 × f + 1.8 (Low-speed mode 1)
ICC Max. = 0.08 × f + 37 (Sleep mode).
Note 4.
This does not include the BGO operation.
Note 5.
Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 6.
FCLK, BCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (3.75 MHz).
Note 7.
When using ETHERC, GLCDC, DRW, and JPEG, PCLKA frequency is such that PCLKA = ICLK.
Note 8.
When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (ADC120 module stop bit) and
MSTPCRD.MSTPD15 (ADC121 module stop bit) are in the module stop state.
USB
operating
current
Low speed
USB
ICCUSBLS
-
3.5
6.5
mA
VCC_USB
USBHS
-
10.5
13.5
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
-
2.8
3.6
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
Full speed
USB
ICCUSBFS
-
4.0
10.0
mA
VCC_USB
USBHS
-
14
22
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
-
6.5
13.0
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
High speed
USBHS
ICCUSBHS
-
50
65
mA
VCC_USBHS =
AVCC_USBHS
Standby mode (direct power down)
USBHS
ICCUSBSBY -0.5
4.5
μA
VCC_USBHS =
AVCC_USBHS
Table 2.7
Operating and standby current (2 of 2)
Item
Symbol
Min
Typ
Max
Unit
Test conditions


Podobny numer części - S5D9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Semikron International
S5D SEMIKRON-S5D Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Podobny opis - S5D9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com